전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VCX164245FT 데이터시트(PDF) 11 Page - Toshiba Semiconductor

부품명 TC74VCX164245FT
상세설명  16-Bit Dual Supply Bus Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX164245FT 데이터시트(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCX164245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 13Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 14Page - Toshiba Semiconductor TC74VCX164245FT_07 Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TC74VCX164245FT
2007-10-19
11
VCCB = 2.5 ± 0.2 V, VCCA = 1.8 ± 0.15 V
Characteristics
Symbol
Test Condition
Min
Max
Unit
Propagation delay time
(Bn
An)
tpLH
tpHL
Figure 1, Figure 2
1.5
7.0
3-state output enable time
( OE
An)
tpZL
tpZH
Figure 1, Figure 3
1.5
8.3
3-state output disable time
(
OE
An)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
4.6
ns
Propagation delay time
(An
Bn)
tpLH
tpHL
Figure 1, Figure 2
0.8
5.8
3-state output enable time
(
OE
Bn)
tpZL
tpZH
Figure 1, Figure 3
0.8
5.8
3-state output disable time
( OE
Bn)
tpLZ
tpHZ
Figure 1, Figure 3
0.8
5.2
ns
Output to output skew
tosLH
tosHL
(Note)
0.5
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
Dynamic Switching Characteristics (Ta = 25°C, Input: tr = tf = 2.0 ns, CL = 30 pF)
Characteristics
Symbol
Test Condition
VCCB (V) VCCA (V)
Typ.
Unit
2.5
1.8
0.25
3.3
1.8
0.25
B
A
3.3
2.5
0.6
2.5
1.8
0.6
3.3
1.8
0.8
Quiet output maximum
dynamic VOL
A
B
VOLP
VIH = VCC, VIL = 0 V
3.3
2.5
0.8
V
2.5
1.8
0.25
3.3
1.8
0.25
B
A
3.3
2.5
0.6
2.5
1.8
0.6
3.3
1.8
0.8
Quiet output minimum
dynamic VOL
A
B
VOLV
VIH = VCC, VIL = 0 V
3.3
2.5
0.8
V
2.5
1.8
1.3
3.3
1.8
1.3
B
A
3.3
2.5
1.7
2.5
1.8
1.7
3.3
1.8
2.0
Quiet output minimum
dynamic VOH
A
B
VOHV
VIH = VCC, VIL = 0 V
3.3
2.5
2.0
V


유사한 부품 번호 - TC74VCX164245FT_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
More results

유사한 설명 - TC74VCX164245FT_07

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVCH16T245 TI1-SN74LVCH16T245_15 Datasheet
1,020Kb / 30P
[Old version datasheet]   16-bit Dual-supply Bus Transceiver
logo
Toshiba Semiconductor
TC74VCX164245FT TOSHIBA-TC74VCX164245FT Datasheet
193Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74AVC16T245 TI-SN74AVC16T245 Datasheet
431Kb / 18P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER
SN74AVCH16T245 TI1-SN74AVCH16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX163245FT TOSHIBA-TC74LCX163245FT Datasheet
327Kb / 8P
   16-BIT DUAL SUPPLY BOLTAGE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com