전자부품 데이터시트 검색엔진 |
|
TC74VCXHR162245FT 데이터시트(PDF) 8 Page - Toshiba Semiconductor |
|
TC74VCXHR162245FT 데이터시트(HTML) 8 Page - Toshiba Semiconductor |
8 / 11 page TC74VCXHR162245FT 2007-10-19 8 Dynamic Switching Characteristics (Ta = 25°C, input: tr = tf = 2.0 ns, CL = 30 pF) Characteristics Symbol Test Condition VCC (V) Typ. Unit VIH = 1.8 V, VIL = 0 V (Note) 1.8 0.15 VIH = 2.5 V, VIL = 0 V (Note) 2.5 0.25 Quiet output maximum dynamic VOL VOLP VIH = 3.3 V, VIL = 0 V (Note) 3.3 0.35 V VIH = 1.8 V, VIL = 0 V (Note) 1.8 −0.15 VIH = 2.5 V, VIL = 0 V (Note) 2.5 −0.25 Quiet output minimum dynamic VOL VOLV VIH = 3.3 V, VIL = 0 V (Note) 3.3 −0.35 V VIH = 1.8 V, VIL = 0 V (Note) 1.8 1.55 VIH = 2.5 V, VIL = 0 V (Note) 2.5 2.05 Quiet output minimum dynamic VOH VOHV VIH = 3.3 V, VIL = 0 V (Note) 3.3 2.65 V Note: Parameter guaranteed by design. Capacitive Characteristics (Ta = 25°C) Characteristics Symbol Test Condition VCC (V) Typ. Unit Input capacitance CIN ⎯ 1.8, 2.5, 3.3 6 pF Bus I/O capacitance CI/O ⎯ 1.8, 2.5, 3.3 7 pF Power dissipation capacitance CPD fIN = 10 MHz (Note) 1.8, 2.5, 3.3 20 pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD・VCC・fIN + ICC/16 (per bit) |
유사한 부품 번호 - TC74VCXHR162245FT_07 |
|
유사한 설명 - TC74VCXHR162245FT_07 |