전자부품 데이터시트 검색엔진 |
|
TC74VCXR162543FT 데이터시트(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VCXR162543FT 데이터시트(HTML) 5 Page - Toshiba Semiconductor |
5 / 13 page TC74VCXR162543FT 2007-10-19 5 Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Power supply voltage VCC −0.5 to 4.6 V DC input voltage ( OEAB , OEBA , LEAB , LEBA , CEAB , CEBA ) VIN −0.5 to 4.6 V −0.5 to 4.6 (Note 2) DC bus I/O voltage VI/O −0.5 to VCC + 0.5 (Note 3) V Input diode current IIK −50 mA Output diode current IOK ±50 (Note 4) mA DC output current IOUT ±50 mA Power dissipation PD 400 mW DC VCC/ground current per supply pin ICC/IGND ±100 mA Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: OFF state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC Operating Ranges (Note 1) Characteristics Symbol Rating Unit 1.8 to 3.6 Power supply voltage VCC 1.2 to 3.6 (Note 2) V Input voltage ( OEAB , OEBA , LEAB , LEBA , CEAB , CEBA ) VIN −0.3 to 3.6 V 0 to 3.6 (Note 3) Bus I/O voltage VI/O 0 to VCC (Note 4) V ±12 (Note 5) ±8 (Note 6) Output current IOH/IOL ±4 (Note 7) mA Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0 to 10 (Note 8) ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: Data retention only Note 3: OFF state Note 4: High or low state Note 5: VCC = 3.0 to 3.6 V Note 6: VCC = 2.3 to 2.7 V Note 7: VCC = 1.8 V Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V |
유사한 부품 번호 - TC74VCXR162543FT_07 |
|
유사한 설명 - TC74VCXR162543FT_07 |