전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GB082AHYAANLA-V01 데이터시트(PDF) 15 Page - Jewel Hill Electronic

부품명 GB082AHYAANLA-V01
상세설명  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JHE [Jewel Hill Electronic]
홈페이지  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB082AHYAANLA-V01 데이터시트(HTML) 15 Page - Jewel Hill Electronic

Back Button GB082AHYAANLA-V01 Datasheet HTML 11Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 12Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 13Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 14Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 15Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 16Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 17Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 18Page - Jewel Hill Electronic GB082AHYAANLA-V01 Datasheet HTML 19Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
GB082A
VER: 3.0
- 14 -
Issue date: 2006/07/27
JEWEL HILL ELECTRONIC CO.,LTD.
․Note 1. Definition of Driving Voltage( Vlcd) :
․Note 2. Definition of Optical Response Time :
%
%
%
30
100
50
50
%
Vlcd
Vth1
Vth2
Selected Waveform
Non-Selected Waveform
Operation Voltage
SELECTED WAVEFORM
(10SEC)
WAVEFORM
NO SELECTED
(10SEC)
NO SELECTED
WAVEFORM
(10SEC)
Brightness
90%
100%
Tr
Rise Time
10%
100%
Tf
Fall Time
t


유사한 부품 번호 - GB082AHYAANLA-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB082B JHE-GB082B Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB082BHGAAMDA-V01 JHE-GB082BHGAAMDA-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB082BHGAAMDB-V01 JHE-GB082BHGAAMDB-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB082BHGAAMLA-V01 JHE-GB082BHGAAMLA-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB082BHGAAMLB-V01 JHE-GB082BHGAAMLB-V01 Datasheet
252Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

유사한 설명 - GB082AHYAANLA-V01

제조업체부품명데이터시트상세설명
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com