전자부품 데이터시트 검색엔진 |
|
SM08103410 데이터시트(PDF) 1 Page - AMETHERM Circuit Protection Thermistors |
|
SM08103410 데이터시트(HTML) 1 Page - AMETHERM Circuit Protection Thermistors |
|
1 / 1 page DATA SHEET Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670 www.ametherm.com Part Number: SM08 103410 Electrical Specifications: Mechanical Specifications: Revision Date: March 19, 2003 Resistance @ 25°C 10.0K Ω ± 10% Beta 4111 ± 2% Temperature Coefficient ( α) -4.50% / °C Dissipation Constant 1.50 mW/°C Thermal Time Constant 5.0 Seconds Maximum Continuous Power (P25) 250.0 mW Operating Temperature -50 °C ≈ +150°C Termination Nickel Barrier Material Type “R” L 2.0 ± 0.20 mm W 1.25 ± 0.20 mm T 0.5 ± 0.10 mm L1 1.50 ± 0.20 mm Tape & Reel Per Mil Std 201 method 208 Qty/Reel 5000 pcs |
유사한 부품 번호 - SM08103410 |
|
유사한 설명 - SM08103410 |