전자부품 데이터시트 검색엔진 |
|
RM400HA-24S 데이터시트(PDF) 3 Page - Powerex Power Semiconductors |
|
RM400HA-24S 데이터시트(HTML) 3 Page - Powerex Power Semiconductors |
3 / 4 page D-39 Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 RM400HA-24S Super Fast Recovery Single Diode Module 400 Amperes/1200 Volts Electrical and Thermal Characteristics, Tj = 25°C unless otherwise specified Characteristics Symbol Test Conditions RM400HA-24S Units Blocking State Maximums Reverse Leakage Current, Peak IRRM Tj = 150°C, VRRM = Rated 30 mA Conducting State Maximums Peak On-State Voltage VFM Tj = 25°C, IFM = 400A 2.0 Volts Switching Minimums Reverse Recovery Time trr IFM = 400A, Tj = 150°C 0.4 s di/dt = -400A/ s, VR = 500V Reverse Recovery Charge Qrr IFM = 400A, Tj = 150°C 80 C di/dt = -400A/ s, VR = 500V Thermal Maximums Thermal Resistance, Junction-to-Case R (J-C) Per Module 0.1 °C/Watt Thermal Resistance, Case-to-Sink R (C-S) Per Module 0.04 °C/Watt |
유사한 부품 번호 - RM400HA-24S |
|
유사한 설명 - RM400HA-24S |