전자부품 데이터시트 검색엔진 |
|
TC74VHC245F 데이터시트(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHC245F 데이터시트(HTML) 2 Page - Toshiba Semiconductor |
2 / 9 page TC74VHC245F/FT/FK 2007-10-01 2 Pin Assignment IEC Logic Symbol Truth Table Inputs Function G DIR A Bus B Bus Output L L Output Input A = B L H Input Output B = A H X Z Z X: Don’t care Z: High impedance Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage (DIR, G ) VIN −0.5 to 7.0 V DC bus I/O voltage VI/O −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±75 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). VCC 16 B2 B3 B4 15 14 13 12 11 20 1 2 3 4 5 6 7 A5 A6 A7 A8 A1 B5 8 B1 19 B6 G A3 A4 18 9 A2 GND 10 B8 17 B7 (top view) DIR (1) (19) (2) 1 A1 3 EN 1 [BA] G3 DIR 3 EN 2 [AB] (3) A2 (4) A3 (5) A4 (6) A5 (7) A6 (8) A7 (9) A8 2 (18) (17) (16) (15) (14) (13) (12) (11) B2 B3 B4 B5 B6 B7 B8 B1 G |
유사한 부품 번호 - TC74VHC245F |
|
유사한 설명 - TC74VHC245F |