전자부품 데이터시트 검색엔진 |
|
TC74VHC257FK 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHC257FK 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 10 page TC74VHC257F/FN/FT/FK 2007-10-01 3 System Diagram Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). 1Y 4 2 3 2Y 7 3Y 9 11 4Y 12 14 13 SELECT 15 1 OE 5 6 10 1A 1B 2A 2B 3A 3B 4A 4B |
유사한 부품 번호 - TC74VHC257FK |
|
유사한 설명 - TC74VHC257FK |