전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC574FT 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC74VHC574FT
상세설명  Octal D-Type Flip Flop with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC574FT 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC574FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC574FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC574F/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC574F,TC74VHC574FT,TC74VHC574FK
Octal D-Type Flip Flop with 3-State Output
The TC74VHC574 is advanced high speed CMOS OCTAL
FLIP-FLOP with 3-STATE OUTPUT fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This 8-bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input ( OE ).
When the OE input is high, the eight outputs are in a high
impedance state.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 180 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 1.2 V (max)
• Pin and function compatible with 74ALS574
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74VHC574F
TC74VHC574FT
TC74VHC574FK


유사한 부품 번호 - TC74VHC574FT

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC574FT TOSHIBA-TC74VHC574FT Datasheet
258Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
More results

유사한 설명 - TC74VHC574FT

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10