전자부품 데이터시트 검색엔진 |
|
TC74VHCT04AF 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHCT04AF 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74VHCT04AF/AFN/AFT/AFK 2007-10-01 3 Operating Ranges (Note 1) Characteristics Symbol Rating Unit Supply voltage VCC 4.5 to 5.5 V Input voltage VIN 0 to 5.5 V 0 to 5.5 (Note 2) Output voltage VOUT 0 to VCC (Note 3) V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0 to 20 ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state. Electrical Characteristics DC Characteristics Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) Min Typ. Max Min Max Unit High-level input voltage VIH ― 4.5 to 5.5 2.0 ― ― 2.0 ― V Low-level input voltage VIL ― 4.5 to 5.5 ― ― 0.8 ― 0.8 V IOH = −50 μA 4.5 4.40 4.50 ― 4.40 ― High-level output voltage VOH VIN = VIL IOH = −8 mA 4.5 3.94 ― ― 3.80 ― V IOL = 50 μA 4.5 ― 0.0 0.1 ― 0.1 Low-level output voltage VOL VIN = VIH IOL = 8 mA 4.5 ― ― 0.36 ― 0.44 V Input leakage current IIN VIN = 5.5 V or GND 0 to 5.5 ― ― ±0.1 ― ±1.0 μA ICC VIN = VCC or GND 5.5 ― ― 2.0 ― 20.0 μA Quiescent supply current ICCT Per input: VIN = 3.4 V Other input: VCC or GND 5.5 ― ― 1.35 ― 1.50 mA Output leakage current IOPD VOUT = 5.5 V 0 ― ― 0.5 ― 5.0 μA |
유사한 부품 번호 - TC74VHCT04AF |
|
유사한 설명 - TC74VHCT04AF |