전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC94A04AFG 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC94A04AFG
상세설명  1 chip Audio Digital Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFG 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC94A04AFG Datasheet HTML 1Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 2Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 3Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 4Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 5Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 6Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 7Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 8Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
TC94A04AFG/AFDG
2005-09-28
5
Pin No.
TC94A
04AF
TC94A
04AFD
(Note 3)
Symbol
I/O
Function
Remarks
32
45
DIN1
I
Serial data input pin 1
Schmitt input,
TTL/CMOS
(Note 2)
33
46
DIN0
I
Serial data input pin 0
Schmitt input,
TTL/CMOS
(Note 2)
34
48
DOUT
O
Serial data output pin
35
49
VDD
Power pin
36
50
RST
I
Reset pin
Schmidt input
37
52
CS
I
Microcontroller interface chip select signal input pin
Schmidt input
38
53
IFCK
I
Microcontroller interface data shift clock input pin
Schmidt input
39
54
IFDI
I/O
Microcontroller interface data input/output pin (I
2C bus)
Schmidt input
40
55
IFDO
O
Microcontroller interface data output pin
41
57
ERR
O
Error flag output pin
Open drain
output
42
58
I2CS
I
Microcontroller interface switching pin (I
2C bus/Toshiba bus)
Schmitt input
43
59
GND
GND pin
44
60
TST0
I
Test pin 0
45
61
TST1
I
Test pin 1
46
65
LIN4
I
ADC-Lch signal input pin 4
47
66
LIN3
I
ADC-Lch signal input pin 3
48
67
LIN2
I
ADC-Lch signal input pin 2
49
68
LIN1
I
ADC-Lch signal input pin 1
50
69
RIN4
I
ADC-Rch signal input pin 4
51
70
RIN3
I
ADC-Rch signal input pin 3
52
71
RIN2
I
ADC-Rch signal input pin 2
53
72
RIN1
I
ADC-Rch signal input pin 1
54
74
GNDAL
Analog ground pin for ADC-Lch
55
75
OUTL
O
Lch analog line-out pin
56
76
VRAL
I
Reference voltage pin for ADC-Lch
57
78
VDALR
Analog power pin for ADC-L/Rch
58
79
VRAR
I
Reference voltage pin for ADC-Rch
59
80
OUTR
O
Rch analgo lline-out pin
60
1
GNDAR
Analog ground pin for ADC-Rch
Note 2: 28 to 33 pin (TC94A04AFG): Input level changes TTL/CMOS level by the command (42h: VS). Output is
fixed to CMOS level.
In case of TC94A04AFDG, pin number are 39 to 41 pins and 43 to 46 pins.
Note 3: In case of TC94A04AFDG, these are NC pins as below. Normally open, otherwise it connects to VDD or
GND. 6, 10, 12, 16, 19, 22, 29, 31, 34, 36, 42, 44, 47, 51, 56, 62 to 64, 73, 77 pins.


유사한 부품 번호 - TC94A04AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A04AF TOSHIBA-TC94A04AF Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
More results

유사한 설명 - TC94A04AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC94A04AFD TOSHIBA-TC94A04AFD Datasheet
565Kb / 42P
   1 CHIP AUDIO DIGITAL PROCESSOR
TC9496AF TOSHIBA-TC9496AF Datasheet
465Kb / 48P
   1 Chip Audio Digital Signal Processor
TC9447F TOSHIBA-TC9447F Datasheet
635Kb / 44P
   Single-Chip Audio Digital Signal Processor
TC94A48FG TOSHIBA-TC94A48FG Datasheet
628Kb / 36P
   Single-chip Audio Digital Signal Processor
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
TAS5000 TI-TAS5000_06 Datasheet
110Kb / 25P
[Old version datasheet]   Digital Audio Pwm Processor
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
YAMAHA CORPORATION
YSS950 YAMAHA-YSS950 Datasheet
781Kb / 30P
   DAP1 Digital Audio Processor
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com