전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4511BF 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC4511BF
상세설명  BCD-to-Seven Segment Latch/Decoder/Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4511BF 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC4511BF Datasheet HTML 1Page - Toshiba Semiconductor TC4511BF Datasheet HTML 2Page - Toshiba Semiconductor TC4511BF Datasheet HTML 3Page - Toshiba Semiconductor TC4511BF Datasheet HTML 4Page - Toshiba Semiconductor TC4511BF Datasheet HTML 5Page - Toshiba Semiconductor TC4511BF Datasheet HTML 6Page - Toshiba Semiconductor TC4511BF Datasheet HTML 7Page - Toshiba Semiconductor TC4511BF Datasheet HTML 8Page - Toshiba Semiconductor TC4511BF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC4511BP/BF
2007-10-01
5
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.1
9.1
14.1
4.1
9.1
14.1
4.41
9.41
14.41
4.2
9.2
14.2
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
IOH = 0 mA
IOH = 10 mA
IOH = 20 mA
5
4.10
3.90
3.55
4.10
3.90
3.55
4.41
4.25
4.19
4.20
3.90
3.30
VIN = VDD, VSS
IOH = 0 mA
IOH = 10 mA
IOH = 20 mA
10
9.10
9.00
8.70
9.10
9.00
8.70
9.41
9.25
9.20
9.20
9.00
8.40
VIN = VDD, VSS
IOH = 0 mA
IOH = 10 mA
IOH = 20 mA
15
14.10
14.00
13.75
14.10
14.00
13.75
14.41
14.26
14.21
14.20
14.00
13.50
Output high voltage
VOH
VIN = VDD, VSS
V
VOUT = 0.4 V
VOUT = 0.5 V
VOUT = 1.5 V
5
10
15
0.61
1.5
4.0
0.51
1.3
3.4
1.2
3.2
12.0
0.42
1.1
2.8
Output low voltage
IOL
VIN = VDD, VSS
mA
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
3.5
7.0
11.0
3.5
7.0
11.0
2.75
5.50
8.25
3.5
7.0
11.0
Input high voltage
VIH
⎪IOUT⎪ < 1 μA
V
VOUT = 0.5 V, 4.5 V
VOUT = 1.0 V, 9.0 V
VOUT = 1.5 V, 13.5 V
5
10
15
1.5
3.0
4.0
2.25
4.5
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Input low voltage
VIL
⎪IOUT⎪ < 1 μA
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
5
10
20
0.005
0.010
0.015
5
10
20
150
300
600
μA
Note: All valid input combinations.


유사한 부품 번호 - TC4511BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4511BF TOSHIBA-TC4511BF Datasheet
292Kb / 6P
   BCD-TO-SEVEN SEGEMENT LATCH/DECODER/DRIVER
More results

유사한 설명 - TC4511BF

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
List of Unclassifed Man...
SCL4543B ETC1-SCL4543B Datasheet
624Kb / 3P
   BCD - TO SEVEN SEGMENT LATCH/DECODER DRIVER
logo
Renesas Technology Corp
HD74HC4543 RENESAS-HD74HC4543 Datasheet
296Kb / 11P
   BCD-to-Seven Segment Latch/Decoder/Driver
Mar 30, 2006
logo
ON Semiconductor
MC14513B ONSEMI-MC14513B Datasheet
185Kb / 12P
   BCD-To-Seven Segment Latch/Decoder/Driver
March, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com