전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4584BF 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TC4584BF
상세설명  Hex Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4584BF 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TC4584BF Datasheet HTML 1Page - Toshiba Semiconductor TC4584BF Datasheet HTML 2Page - Toshiba Semiconductor TC4584BF Datasheet HTML 3Page - Toshiba Semiconductor TC4584BF Datasheet HTML 4Page - Toshiba Semiconductor TC4584BF Datasheet HTML 5Page - Toshiba Semiconductor TC4584BF Datasheet HTML 6Page - Toshiba Semiconductor TC4584BF Datasheet HTML 7Page - Toshiba Semiconductor TC4584BF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC4584BP/BF/BFN
2007-10-01
3
Static Electrical Characteristics (VSS = 0 V)
Test Condition
−40°C
25°C
85°C
Characteristics
Sym-
bol
VDD
(V)
Min
Max
Min
Typ.
Max
Min
Max
Unit
High-level output
voltage
VOH
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.00
10.00
15.00
4.95
9.95
14.95
V
Low-level output
voltage
VOL
⎪IOUT⎪ < 1 μA
VIN = VSS, VDD
5
10
15
0.05
0.05
0.05
0.00
0.00
0.00
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH = 4.6 V
VOH = 2.5 V
VOH = 9.5 V
VOH = 13.5 V
5
5
10
15
−0.61
−2.50
−1.50
−4.00
−0.51
−2.10
−1.30
−3.40
−1.0
−4.0
−2.2
−9.0
−0.42
−1.70
−1.10
−2.80
Output high current
IOH
VIN = VSS
mA
VOL = 0.4 V
VOL = 0.5 V
VOL = 1.5 V
5
10
15
0.61
1.50
4.00
0.51
1.30
3.40
1.5
3.8
15.0
0.42
1.10
2.80
Output low current
IOL
VIN = VDD
mA
Positive trigger
threshold voltage
VP
VOUT = 0.5 V
VOUT = 1.0 V
VOUT = 1.5 V
5
10
15
2.05
4.80
7.80
3.75
7.60
11.60
2.15
4.90
7.90
3.0
6.4
9.9
3.75
7.60
11.60
2.15
4.90
7.90
3.85
7.70
11.70
V
Negative trigger
threshold voltage
VN
VOUT = 4.5 V
VOUT = 9.0 V
VOUT = 13.5 V
5
10
15
1.25
2.40
3.40
2.95
5.20
7.20
1.25
2.40
3.40
2.3
3.8
5.2
2.85
5.10
7.10
1.15
2.30
3.30
2.85
5.10
7.10
V
Hysteresis voltage
VH
5
10
15
0.10
1.80
3.70
1.25
3.50
5.60
0.25
1.90
3.80
0.65
2.60
4.70
1.25
3.50
5.60
0.25
1.90
3.80
1.40
3.60
5.70
V
“H” level
IIH
VIH = 18 V
18
0.1
10
5
0.1
1.0
Input
current
“L” level
IIL
VIL = 0 V
18
−0.1
−10−5
−0.1
−1.0
μA
Quiescent supply
current
IDD
VIN = VSS, VDD
(Note)
5
10
15
1
2
4
0.001
0.002
0.004
1
2
4
7.5
15.0
30.0
μA
Note: All valid input combinations.


유사한 부품 번호 - TC4584BF

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4584BF TOSHIBA-TC4584BF Datasheet
195Kb / 5P
   HEX SCHMMIT TRIGGER
TC4584BFN TOSHIBA-TC4584BFN Datasheet
195Kb / 5P
   HEX SCHMMIT TRIGGER
TC4584BF TOSHIBA-TC4584BF_12 Datasheet
174Kb / 7P
   TC4584B Hex Schmitt Trigger
More results

유사한 설명 - TC4584BF

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B Datasheet
163Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
MC14106B ONSEMI-MC14106B_14 Datasheet
126Kb / 8P
   Hex Schmitt Trigger
August, 2014 ??Rev. 10
logo
Fairchild Semiconductor
MM74C14 FAIRCHILD-MM74C14 Datasheet
63Kb / 6P
   Hex Schmitt Trigger
MM74C14MX FAIRCHILD-MM74C14MX Datasheet
69Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14106B ONSEMI-MC14106B_06 Datasheet
152Kb / 10P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
MC14106B ONSEMI-MC14106B Datasheet
182Kb / 8P
   Hex Schmitt Trigger
March, 2000 ??Rev. 3
logo
Rohm
BU4584B ROHM-BU4584B Datasheet
46Kb / 4P
   Hex Schmitt trigger
logo
National Semiconductor ...
CD40106BM NSC-CD40106BM Datasheet
134Kb / 6P
   Hex Schmitt Trigger
MM54C14 NSC-MM54C14 Datasheet
124Kb / 6P
   Hex Schmitt Trigger
logo
Fairchild Semiconductor
CD40106BC FAIRCHILD-CD40106BC_03 Datasheet
71Kb / 6P
   Hex Schmitt Trigger
logo
ON Semiconductor
MC14584B ONSEMI-MC14584B_06 Datasheet
145Kb / 8P
   Hex Schmitt Trigger
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com