전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9243AFG 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TC9243AFG
상세설명  Infrared Remote-Control Signal Transmission LSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243AFG 데이터시트(HTML) 6 Page - Toshiba Semiconductor

Back Button TC9243AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TC9243APG/AFG
2005-02-25
6
Maximum Ratings (Ta
= 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VDD
−0.3~5.0
V
Input voltage
VIN
VSS
− 0.3~VDD + 0.3
V
Output current
IOUT
−20
mA
Power dissipation
PD
350 (300)
(Note 3)
mW
Operating temperature
Topr
−20~75
°C
Storage temperature
Tstg
−40~125
°C
Note 3: The value shown in parentheses applies to the TC9243FG.
Electrical Characteristics
Recommended Operating Conditions
(unless otherwise specified, VDD = 3.0 V, Ta = 25°C; for items with an asterisk (*), Ta = −25~75°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating supply voltage
*
VDD
2.0
4.0
V
Oscillation frequency
*
fOSC
400
800
kHz
“H” level
VIH1
(Except RST )
VDD ×
0.7
VDD
Input voltage
“L” level
VIL1
(Except RST )
0
VDD ×
0.3
V
“H” level
VIH2
( RST )
VDD ×
0.8
VDD
Input voltage
“L” level
VIL2
( RST )
0
VDD ×
0.2
V
DC Characteristics (unless otherwise specified, VDD = 3.0 V, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating supply current
IDD
fOSC = 455 kHz
1.0
MA
Static supply current
IQD
During “Hold”
1.0
µA
Pull-down resistor
RD
(K0~K7)
100
400
k
Pull-up resistor
RU
( RST )
25
100
k
“H” level
IOH
(TXOUT) VOH = 1.5 V
−10
Output current
“L” level
IOL
(TXON) VOL = 1.5 V
5
mA
Input leak current
ILI
VIN = VDD, VSS
−1.0
1.0
µA


유사한 부품 번호 - TC9243AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9243 TOSHIBA-TC9243 Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243F TOSHIBA-TC9243F Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
More results

유사한 설명 - TC9243AFG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
   INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
   Infrared Remote Control LSI
logo
Toshiba Semiconductor
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
TC9285P TOSHIBA-TC9285P Datasheet
328Kb / 8P
   INFRARED REMOTE CONTROL RECEIVING LSI
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
   Remote Control LSI
logo
Toshiba Semiconductor
TC9028AP TOSHIBA-TC9028AP Datasheet
835Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
   INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com