전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC9329AFAG 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TC9329AFAG
상세설명  Portable Audio DTS Controller (DTS-21)
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9329AFAG 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TC9329AFAG Datasheet HTML 6Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 7Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 8Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 9Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 10Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 11Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 12Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 13Page - Toshiba Semiconductor TC9329AFAG Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
TC9329AFAG/AFCG
2006-03-02
10
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
55
XOUT
56
XIN
Crystal oscillator
pin
Crystal oscillator pins.
A reference 75 kHz crystal resonator is
connected to the XIN and XOUT pins.
The oscillator stops oscillating during
CKSTP instruction execution.
The VXT pin is the power supply for the
crystal oscillator. A stabilizing capacitor
(0.47
µF typ.) is connected.
Usually, the clock of a crystal oscillator
is used for the clock for peripheral
equipment. Through programming, the
built-in VCO can be changed to CPU
and CPU only operation can be
accelerated.
58
VDB
59
C1
60
C2
61
VEE
62
C3
63
C4
64
VLCD
Voltage doubler
boosting output
pins
Voltage doubler boosting output pins.
The VDB pin doubles the VDD pin
voltage using the voltage doubler
boosting capacitor between C1 and C2.
The doubled voltage is used for the AD
converter and constant voltage circuit
(Vreg, VEE) power supply.
The VEE pin supplies a constant
voltage of 1.5 V from the VDB voltage.
The voltage is doubled (to 3 V) using
the voltage doubler boosting capacitor
between C3 and C4. The doubled
voltage is then supplied to the VLCD
pin. The VEE potential and the VLCD
potential are used to drive the LCD.
Connect a stabilizing capacitor between
the VDB pin and GND (0.1 µF, 10 µF
typ.), and between the VLCD pin and
GND (0.1
µF typ.). Connect a voltage
doubler boosting capacitor (0.1
µF typ.)
between C1 and C2, and between C3
and C4. (Note)
Note: When the LCD pin is set as an output port, the “H” level output is the doubled voltage VLCD. Therefore
disconnect the voltage boosting capacitor and connect the VLCD pin to the VDD pin.
VDD
RfXT
XOUT
XIN
ROUT
VLCD


유사한 부품 번호 - TC9329AFAG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
TC9329FB TOSHIBA-TC9329FB Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
More results

유사한 설명 - TC9329AFAG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC9328AF TOSHIBA-TC9328AF Datasheet
1Mb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9328AF TOSHIBA-TC9328AF_04 Datasheet
1,020Kb / 84P
   Portable Audio DTS Controller (DTS-21)
TC9329FA TOSHIBA-TC9329FA Datasheet
1Mb / 83P
   Portable Audio DTS Controller (DTS-21)
2001-07-24
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9308AF-022 TOSHIBA-TC9308AF-022 Datasheet
120Kb / 3P
   DTS MICRO CONTROLLER
TC9308AF-028 TOSHIBA-TC9308AF-028 Datasheet
117Kb / 3P
   DTS MICRO CONTROLLER
TC9316F-001 TOSHIBA-TC9316F-001 Datasheet
128Kb / 3P
   DTS MICRO CONTROLLER
TC9307AF-010 TOSHIBA-TC9307AF-010 Datasheet
599Kb / 16P
   SINGLECHIP DTS MICRO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com