전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TD62001APG 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TD62001APG
상세설명  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62001APG 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TD62001APG Datasheet HTML 1Page - Toshiba Semiconductor TD62001APG Datasheet HTML 2Page - Toshiba Semiconductor TD62001APG Datasheet HTML 3Page - Toshiba Semiconductor TD62001APG Datasheet HTML 4Page - Toshiba Semiconductor TD62001APG Datasheet HTML 5Page - Toshiba Semiconductor TD62001APG Datasheet HTML 6Page - Toshiba Semiconductor TD62001APG Datasheet HTML 7Page - Toshiba Semiconductor TD62001APG Datasheet HTML 8Page - Toshiba Semiconductor TD62001APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TD62001~004APG/AFG
2006-06-13
3
Recommended Operating Conditions (Ta = −40°C to 85°C)
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Duty = 10%
0
370
APG
Duty = 50%
0
130
Duty = 10%
0
233
Output current
AFG
IOUT
Tpw = 25 ms
7 circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
70
mA/ch
Input voltage
Except
TD62001APG/
AFG
VIN
0
24
V
TD62002
14.5
24
TD62003
2.8
24
Input voltage (output on)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
24
V
TD62001
0
0.6
TD62002
0
7.4
TD62003
0
0.7
Input voltage (output off)
TD62004
VIN (OFF)
0
1.0
V
Input current
Only TD62001
IIN
0
10
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
350
mA
APG
Ta = 85°C
0.76
Power dissipation
AFG
PD
Ta = 85°C
(Note)
0.325
W
Note: When mounted on a glass-epoxy PCB (30 mm
× 30 mm × 1.6 mm, Cu area: 50%)


유사한 부품 번호 - TD62001APG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG Datasheet
329Kb / 13P
   TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
More results

유사한 설명 - TD62001APG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TD62001AP TOSHIBA-TD62001AP_06 Datasheet
939Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com