전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLBC1002 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TLBC1002
상세설명  Panel Circuit Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLBC1002 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TLBC1002 Datasheet HTML 3Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 4Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 5Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 6Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 7Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 8Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 9Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 10Page - Toshiba Semiconductor TLBC1002 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL(BC,EGC)1002(T02)
2007-10-01
10
6. Packing display
(1) Packing quantity
Reel
3,000 pcs
Carton
15,000 pcs
(2) Package form: Each reel is sealed in an aluminum pack with silica gel.
7. Label format
(1) Example: TLBC1002 (T02)
P/N:
TOSHIBA
TYPE
TLBC1002
ADDC
(T02)
Q’TY
3,000 pcs
Lot Number
Key code for TSB
32C
3000
(RANK SYMBOL)
Use under 5-30degC/70%RH within 72h
SEAL DATE:
[[G]]/RoHS COMPATIBLE
DIFFUSED IN *****
*Y3804xxxxxxxxxxxxxxxxx*
ASSEMBLED IN *****
(2) Label location
Tape reel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has a copy of the label
attached to center of one side.


유사한 부품 번호 - TLBC1002

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLBA1100B TOSHIBA-TLBA1100B Datasheet
227Kb / 8P
   Panel Circuit Indicator
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLBD1060 TOSHIBA-TLBD1060 Datasheet
233Kb / 9P
   Panel Circuit Indicator
TLBD1100B TOSHIBA-TLBD1100B Datasheet
238Kb / 9P
   Panel Circuit Indicator
More results

유사한 설명 - TLBC1002

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com