전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL78100 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 ISL78100
상세설명  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 데이터시트(HTML) 4 Page - Intersil Corporation

  ISL78100 Datasheet HTML 1Page - Intersil Corporation ISL78100 Datasheet HTML 2Page - Intersil Corporation ISL78100 Datasheet HTML 3Page - Intersil Corporation ISL78100 Datasheet HTML 4Page - Intersil Corporation ISL78100 Datasheet HTML 5Page - Intersil Corporation ISL78100 Datasheet HTML 6Page - Intersil Corporation ISL78100 Datasheet HTML 7Page - Intersil Corporation ISL78100 Datasheet HTML 8Page - Intersil Corporation ISL78100 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
FN6626.0
December 17, 2007
Typical Performance Curves
FIGURE 1. 8 LEDs EFFICIENCY vs INPUT VOLTAGE vs
DIMMING FREQUENCY AND DUTY CYCLE
FIGURE 2. 5 LEDs EFFICIENCY vs INPUT VOLTAGE vs
DIMMING FREQUENCY AND DUTY CYCLE
FIGURE 3. 3 LEDs EFFICIENCY vs INPUT VOLTAGE vs
DIMMING FREQUENCY AND DUTY CYCLE
FIGURE 4. 8 AND 5 LEDs EFFICIENCY vs PWM DUTY CYCLE
FIGURE 5. LEDs PWM DIMMING LINEARITY
FIGURE 6. 8 LEDs CURRENT ACCURACY vs INPUT VOLTAGE
60
65
70
75
80
85
90
95
100
6
8
10
12
14
16
18
VIN (V)
8 LEDs
ILEDpeak = 380mA
10%@100Hz
10%@10kHz
99%@100Hz
99%@10kHz
50%@1kHz
50%@10kHz
50%@100Hz
10%@1kHz
99%@1kHz
60
65
70
75
80
85
90
95
100
4
6
8
1012
1416
VIN (V)
5 LEDs
ILEDpeak = 380mA
99% @ 10kHz
99% @ 100Hz
10% @ 10kHz
10% @ 100Hz
60
65
70
75
80
85
90
95
100
48
10
VIN (V)
3 LEDs
ILEDpeak = 380mA
6
99%@100Hz
99%@10kHz
10%@10kHz
10%@100Hz
60
65
70
75
80
85
90
95
100
0
2040
6080
100
PWM DIMMING DUTY CYCLE (%)
8 LEDs
5 LEDs
ILEDpeak = 380mA
PWM = 10kHz
8 LEDs, VIN = 12V
5 LEDs, VIN = 9V
0
50
100
150
200
250
300
350
400
0
204060
80
100
PWM DIMMING DUTY CYCLE (%)
8 LEDs, VIN = 12V
ILEDpeak = 380mA
5 LEDs @ 100Hz
5 LEDs, VIN = 9V
3 LEDs, VIN = 5V
3 LEDs @ 100Hz
8 LEDs @ 1kHz
5 LEDs @ 10kHz
8 LEDs @ 10kHz
-6
-5
-4
-3
-2
-1
0
1
2
3
4
6
8
10
12
14
16
18
VIN (V)
8 LEDs
ILEDpeak = 380mA
10% @ 100Hz
99% @ 100Hz
99% @ 10kHz
10% @ 10kHz
ISL78100


유사한 부품 번호 - ISL78100

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

유사한 설명 - ISL78100

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com