전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBT16245DLR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBT16245DLR
상세설명  16-BIT FET BUS SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16245DLR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button SN74CBT16245DLR Datasheet HTML 3Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 4Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 5Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 6Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 7Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 8Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 9Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 10Page - Texas Instruments SN74CBT16245DLR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS003D – JANUARY 1995 – REVISED JANUARY 1998
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGG (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040078 / F 12/97
48 PINS SHOWN
0,25
0,15 NOM
Gage Plane
6,00
6,20
8,30
7,90
0,75
0,50
Seating Plane
25
0,27
0,17
24
A
48
1
1,20 MAX
M
0,08
0,10
0,50
0
°–8°
56
14,10
13,90
48
DIM
A MAX
A MIN
PINS **
12,40
12,60
64
17,10
16,90
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - SN74CBT16245DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT16245DLR TI-SN74CBT16245DLR Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLR TI1-SN74CBT16245DLR Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLRG4 TI-SN74CBT16245DLRG4 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245DLRG4 TI1-SN74CBT16245DLRG4 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
More results

유사한 설명 - SN74CBT16245DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
[Old version datasheet]   16-Bit FET Bus Switch
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com