전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TLSU268G 데이터시트(HTML) 6 Page - Toshiba Semiconductor

부품명 TLSU268G
상세내용  LED Lamps for mounting on through-hole PCB using an automatic insertion machine
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo 

TLSU268G 데이터시트(HTML) 6 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 7 page
 6 / 7 page
background image
TLSU268G(F),TLRME68TG(F),TLYE68TG(F),TLGE68TG(F)
2007-10-01
6
TLGE68TG(F)
Ambient temperature Ta (°C)
IF – Ta
Radiation pattern
Ta
= 25°C
Forward voltage VF (V)
IF – VF
Forward current IF (mA)
IV – IF
Case temperature Tc (°C)
IV – Tc
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
IF – VF
30
°
0
°
60
°
90
°
90
°
30
°
60
°
1.0
0.8
0.6
0.4
0.2
0
80
°
70
°
50
°
40
°
20
°
10
°
70
°
80
°
50
°
40
°
20
°
10
°
0
60
0
40
80
20
120
20
40
60
80
100
1.6
50
30
10
3
1
5
100
Ta
= 25°C
1.7
1.8
1.9
2.0
2.1
2.2
2.3
10
1
100
1000
100
Ta
= 25°C
10
1
20
−20
80
0.1
3
1
0.3
0.5
0
40
60
5
10
640
0.8
0
0.6
1.0
0.2
0.4
IF = 20 mA
Ta
= 25°C
620
600
580
560
540
520


Html Pages

1  2  3  4  5  6  7 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn