전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP130 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP130
상세설명  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP130_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 8Page - Toshiba Semiconductor TLP130_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP130
2007-10-01
4
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS=0, f=1MHz
0.8
pF
Isolation resistance
RS
VS=500V
5
×1010
10
14
AC, 1minute
3750
AC, 1second, in oil
10000
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
10000
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rise time
tr
2
Fall time
tf
3
Turn
−on time
ton
3
Turn
−off time
toff
VCC = 10V, IC = 2mA
RL = 100Ω
3
μs
Turn
−on time
tON
2
Storage time
tS
25
Turn-off time
tOFF
RL = 1.9 kΩ
(Fig.1)
RBE = OPEN
VCC = 5 V, IF = ±16mA
40
μs
Turn
−on time
tON
2
Storage time
tS
20
Turn-off time
tOFF
RL = 1.9kΩ
(Fig.1)
RBE = 220kΩ
VCC = 5 V, IF = ±16mA
30
μs
Fig. 1 Switching time test circuit
IF
VCC
VCE
RL
RBE
VCC
VCE
IF
tON
tOFF
ts
4.5V
0.5V


유사한 부품 번호 - TLP130_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

유사한 설명 - TLP130_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com