전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP130 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TLP130
상세설명  Programmable Controllers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 데이터시트(HTML) 7 Page - Toshiba Semiconductor

  TLP130 Datasheet HTML 1Page - Toshiba Semiconductor TLP130 Datasheet HTML 2Page - Toshiba Semiconductor TLP130 Datasheet HTML 3Page - Toshiba Semiconductor TLP130 Datasheet HTML 4Page - Toshiba Semiconductor TLP130 Datasheet HTML 5Page - Toshiba Semiconductor TLP130 Datasheet HTML 6Page - Toshiba Semiconductor TLP130 Datasheet HTML 7Page - Toshiba Semiconductor TLP130 Datasheet HTML 8Page - Toshiba Semiconductor TLP130 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP130
2007-10-01
7
VCE(sat) – Ta
Ambient temperature Ta (℃)
0.24
0
−40
0.20
0.16
0.12
0.04
−20
0
20
40
60
100
80
0.08
IF = 5mA
Ic = 1mA
10
1
10
4
0
20
40
60
80
100
120
10
0
10
1
10
2
10
3
ICEO – Ta
Ambient temperature Ta (°C)
VCE = 48V
10V
5V
24V
IC – Ta
Ambient temperature Ta (℃)
100
0.1
-20
50
30
10
5
0
20
40
60
80
100
3
1
0.3
0.5
10mA
5mA
0.5mA
1mA
VCE = 5V
IF = 25mA
Switching Time – RL
Load resistance RL (kΩ)
1
1
30
300
100
50
3
10
30
50
100
5
3
5
10
tOFF
tON
ts
Ta = 25°C
IF = 16mA
VCC = 5V
RBE = 220kΩ


유사한 부품 번호 - TLP130

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP130 TOSHIBA-TLP130 Datasheet
202Kb / 9P
   Programmable Controllers AC / DC.Input Module Telecommunication
TLP130 TOSHIBA-TLP130 Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
More results

유사한 설명 - TLP130

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com