전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP176GA 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TLP176GA
상세설명  Photocoupler Photorelay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176GA 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TLP176GA_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP176GA_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP176GA
2007-10-01
5
Ambient temperature Ta (°C)
IOFF – Ta
Ambient temperature Ta (°C)
tON, tOFF – Ta
VOFF = 400 V
−20
0
20
40
80
100
60
1000
300
500
100
30
50
10
3
5
1
VDD = 20 V, RL = 200 Ω
IF = 5 mA
0
−40
1000
100
80
60
40
20
0
−20
800
600
400
200
tON
tOFF
Input current IF (mA)
tON, tOFF – IF
30
1
2000
100
Ta
= 25°C
VDD = 20 V, RL = 200 Ω
tON
tOFF
1000
300
500
100
50
30
50
10
3
5


유사한 부품 번호 - TLP176GA_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP176GA TOSHIBA-TLP176GA Datasheet
158Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results

유사한 설명 - TLP176GA_07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP174G TOSHIBA-TLP174G_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4172G TOSHIBA-TLP4172G Datasheet
170Kb / 6P
   Photocoupler Photorelay
TLP192A TOSHIBA-TLP192A Datasheet
134Kb / 6P
   Photocoupler Photorelay
TLP3123 TOSHIBA-TLP3123 Datasheet
177Kb / 6P
   Photocoupler PHOTORELAY
TLP172A TOSHIBA-TLP172A_07 Datasheet
185Kb / 7P
   Photocoupler Photorelay
TLP172G TOSHIBA-TLP172G_07 Datasheet
177Kb / 6P
   Photocoupler Photorelay
TLP174GA TOSHIBA-TLP174GA_07 Datasheet
178Kb / 6P
   Photocoupler Photorelay
TLP4027G TOSHIBA-TLP4027G Datasheet
164Kb / 7P
   TOSHIBA Photocoupler Photorelay
TLP4197G TOSHIBA-TLP4197G Datasheet
156Kb / 6P
   TOSHIBA PHOTOCOUPLER PHOTORELAY
TLP174GA TOSHIBA-TLP174GA Datasheet
139Kb / 6P
   TOSHIBA Photocoupler Photorelay
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com