전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS7800A 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS7800A
상세설명  3-Terminal Fixed Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7800A 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS7800A_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7800A_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TS7800A Series
3-Terminal Fixed Positive Voltage Regulator
1/12
Version: A07
TO-220
ITO-220
TO-263
(D
2PAK)
General Description
These voltage regulators are monolithic integrated circuits designed as fixed-voltage regulators for a wide variety of
applications including local, on-card regulation. These regulators employ internal current limiting, thermal shutdown,
and safe-area compensation. With adequate heatsink they can deliver output currents up to 1 ampere.
Although designed primarily as a fixed voltage regulator, these devices can be used with external components to
obtain adjustable voltages and currents.
This series is offered in 3-pin TO-220, ITO-220 & TO-263 package.
Features
Output Voltage Range 5 to 24V
Output current up to 1A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 2% tolerance
Ordering Information
Part No.
Package
Packing
TS78xxACZ C0
TO-220
50pcs / Tube
TS78xxACI C0
ITO-220
50pcs / Tube
TS78xxACM RN
TO-263
800pcs / 13” Reel
Note: Where xx denote voltage option
Standard Application Circuit
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN*
35
V
Input Voltage
VIN**
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Note: * TS7805A to TS7818A
** TS7824A
*** Follow the derating curve
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Pin Definition:
1. Input
2. Ground (tab)
3. Output


유사한 부품 번호 - TS7800A_07

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS7800ACI ETC-TS7800ACI Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800ACZ ETC-TS7800ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results

유사한 설명 - TS7800A_07

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS7800A TSC-TS7800A Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7809CZ TSC-TS7809CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7815CI TSC-TS7815CI Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7818CZ TSC-TS7818CZ Datasheet
236Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_11 Datasheet
261Kb / 12P
   3-Terminal Fixed Positive Voltage Regulator
TS7800B TSC-TS7800B Datasheet
249Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7812ACZ ETC-TS7812ACZ Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS7800I TSC-TS7800I Datasheet
253Kb / 8P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
TS7800 TSC-TS7800_1 Datasheet
290Kb / 10P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com