전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF7459PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRF7459PBF
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF7459PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRF7459PBF Datasheet HTML 1Page - International Rectifier IRF7459PBF Datasheet HTML 2Page - International Rectifier IRF7459PBF Datasheet HTML 3Page - International Rectifier IRF7459PBF Datasheet HTML 4Page - International Rectifier IRF7459PBF Datasheet HTML 5Page - International Rectifier IRF7459PBF Datasheet HTML 6Page - International Rectifier IRF7459PBF Datasheet HTML 7Page - International Rectifier IRF7459PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF7459PbF
SMPS MOSFET
Notes
 through „ are on page 8
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-to-Source Voltage
± 12
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
12
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
10
A
IDM
Pulsed Drain Current

100
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2.5
W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.6
W
Linear Derating Factor
0.02
W/°C
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
HEXFET® Power MOSFET
Benefits
VDSS
RDS(on) max
ID
20V
9.0m
12A
www.irf.com
1
4/17/06
l Ultra-Low Gate Impedance
l Very Low RDS(on) at 4.5V VGS
l Fully Characterized Avalanche Voltage
and Current
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
†
–––
50
°C/W
Thermal Resistance
l High Frequency DC-DC Isolated
Converters with Synchronous Rectification
for Telecom and Industrial use
Applications
l High Frequency Buck Converters for
Computer Processor Power
l Lead-Free
PD - 95459A


유사한 부품 번호 - IRF7459PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
More results

유사한 설명 - IRF7459PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com