전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS61C24CXRF 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS61C24CXRF
상세설명  Voltage Detector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS61C24CXRF 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS61C24CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS61C24CXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS61 Series
Voltage Detector
2/7
Version: A07
Absolute Maximum Rating
Parameter
Symbol
Maximum
Unit
Input Voltage
VIN
+12
V
Output Current
Io
50
mA
CMOS
(Gnd – 0.3) to (VIN + 0.3)
Output Voltage
N-channel open drain
VOUT
(Gnd – 0.3) to 12
V
Power Dissipation
SOT-23
PD
150
mW
Operating Ambient Temperature Range
TA
-40 ~ +85
oC
Storage Temperature
TSTG
-65 ~ +150
oC
Note: Stress above those listed under absolute maximum ratings may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other conditions above those
indicated in the operation section of the specifications is not implied.
Electrical Specifications (Ta = 25 oC, unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Circuit
Detect Voltage
VDF
VDFx 0.98
VDF
VDFx 1.02
V
1
Hysteresis range
VHYS / VDF
2
--
8
%
1
VIN=1.5V
--
0.7
2.3
VIN=2.0V
--
0.8
2.7
VIN=3.0V
--
0.9
3.0
VIN=4.0V
--
1.0
3.2
Supply Current
VIN=5.0V
Iss
--
1.1
3.6
µA
2
Operating Voltage
VDF(T)=1.6V~6V
VIN
0.7
--
10.0
V
1
N-channel VDS=5V
VIN=1.0V
1.0
2.2
--
VIN=2.0V
3.0
7.7
--
VIN=3.0V
5.0
10.1
--
VIN=4.0V
6.0
11.5
--
VIN=5.0V
IOUT
7.0
13.0
--
mA
3
P-channel VDS=2.1V (with CMOS output)
Output Current
VIN=8.0V
IOUT
--
-10.0
-2.0
mA
4
Temperature
Characteristics
-40°C ≤ TA ≤ 85°C
ΔVDF
ΔTA xVDF
--
±100
--
ppm /
°C
--
Delay Time
Vdr
VOUT inversion
tDLY
--
--
0.2
ms
5
Note: VDF(T): Established Detect Voltage Value, 1.6V ~ 6.0V ±2% for Standard Voltage Detectors
Release Voltage: VDR = VDF + VHYS


유사한 부품 번호 - TS61C24CXRF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
   Full-bridge FET Driver
TS61001 ETC2-TS61001 Datasheet
861Kb / 9P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
TS61001 ETC2-TS61001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
   Full-bridge FET Driver
More results

유사한 설명 - TS61C24CXRF

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com