전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS78L03CYRM 데이터시트(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

부품명 TS78L03CYRM
상세설명  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L03CYRM 데이터시트(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS78L03CYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS78L03CYRM Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
11/12
Version: B07
SOT-23 Mechanical Drawing
Marking Diagram
L3 = Device Voltage Code
(L3=3.3V, L5=5V, L6=6V, L8=8V, L9=9V, L1=10V, L2=12V, A=15V, D=18V, J=24V)
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-23 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A
0.95 BSC
0.037 BSC
A1
1.9 BSC
0.074 BSC
B
2.60
3.00
0.102
0.118
C
1.40
1.70
0.055
0.067
D
2.80
3.10
0.110
0.122
E
1.00
1.30
0.039
0.051
F
0.00
0.10
0.000
0.004
G
0.35
0.50
0.014
0.020
H
0.10
0.20
0.004
0.008
I
0.30
0.60
0.012
0.024
J
10º
10º


유사한 부품 번호 - TS78L03CYRM

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78L03CSRL TSC-TS78L03CSRL Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03CTA3 TSC-TS78L03CTA3 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03CTB0 TSC-TS78L03CTB0 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L03CXRF TSC-TS78L03CXRF Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
More results

유사한 설명 - TS78L03CYRM

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com