전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS78L05CYRM 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS78L05CYRM
상세설명  3-Terminal 100mA Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78L05CYRM 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS78L05CYRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78L05CYRM Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TS78L00 Series
3-Terminal 100mA Positive Voltage Regulator
4/12
Version: B07
TS78L09 Electrical Characteristics
Vin=15V, Iout=40mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
8.65
9
9.36
Output voltage
Vout
11.5V≤Vin≤23V,
5mA≤Iout≤100mA
8.57
9
9.45
V
Line Regulation
REGline
Tj=25
oC
11.5V≤Vin≤23V
Iout=40mA
--
90
180
5mA≤Iout≤100mA
--
30
90
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
15
45
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6
11.5V≤Vin≤23V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
60
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 11.5V≤Vin≤23V
37
57
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.9
--
mV/
oC
TS78L12 Electrical Characteristics
Vin=19V, Iout=40mA, 0
oC ≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
11.53
12
12.48
Output voltage
Vout
14.5V≤Vin≤27V,
5mA≤Iout≤100mA
11.42
12
12.60
V
Line Regulation
REGline
Tj=25
oC
14.5V≤Vin≤27V
Iout=40mA
--
120
240
5mA≤Iout≤100mA
--
40
120
Load Regulation
REGload
Tj=25
oC
5mA≤Iout≤40mA
--
20
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
3
6.5
14.5V≤Vin≤27V
--
--
1.5
Quiescent Current Change
ΔIq
5mA≤Iout≤40mA
--
--
0.1
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
80
--
µV
Ripple Rejection Ratio
RR
f=120Hz, 14.5V≤Vin≤27V
37
42
--
dB
Voltage Drop
Vdrop
Iout=100mA, Tj=25
oC
--
1.7
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.15
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-1.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


유사한 부품 번호 - TS78L05CYRM

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78L05CSRL TSC-TS78L05CSRL Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L05CTA3 TSC-TS78L05CTA3 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L05CTB0 TSC-TS78L05CTB0 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L05CXRF TSC-TS78L05CXRF Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
More results

유사한 설명 - TS78L05CYRM

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78L06CX TSC-TS78L06CX Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
Exar Corporation
SP78LXX EXAR-SP78LXX Datasheet
506Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS78L06CS TSC-TS78L06CS Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06ACY TSC-TS78L06ACY Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_08 Datasheet
181Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
TS78L00 TSC-TS78L00_14 Datasheet
316Kb / 13P
   3-Terminal 100mA Positive Voltage Regulator
TS78L06CT TSC-TS78L06CT Datasheet
283Kb / 12P
   3-Terminal 100mA Positive Voltage Regulator
logo
AiT Semiconductor Inc.
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
NTE Electronics
NTE950 NTE-NTE950 Datasheet
27Kb / 3P
   Integrated Circuit Positive 3 Terminal Voltage Regulator, 100mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com