전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS78M24ACPRO 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 TS78M24ACPRO
상세설명  3-Terminal 500mA Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS78M24ACPRO 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS78M24ACPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS78M24ACPRO Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS78M00A Series
3-Terminal 500mA Positive Voltage Regulator
1/10
Version: A07
TO-220
TO-252
(DPAK)
General Description
The TS78M00A Series positive voltage regulators are identical to the popular TS7800A Series devices, except that
they are specified for only half the output current. Like the TS7800A devices, the TS78M00A Series 3-Terminal
regulators are intended for local, on-card voltage regulation.
Internal current limiting, thermal shutdown circuitry and safe-area compensation for the internal pass transistor
combine to make these devices remarkably rugged under most operating conditions. Maximum output current with
adequate heatsink is 500mA
This series is offered in 3-pin TO-220 & TO-252 package.
Features
Output Voltage Range 5 to 24V
Output current up to 500mA
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 2% tolerance
Ordering Information
Part No.
Package
Packing
TS78MxxACZ C0
TO-220
50pcs / Tube
TS78MxxACP RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denote voltage option
Standard Application Circuit
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN*
35
V
Input Voltage
VIN**
40
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Note: * TS78M05A to TS78M18A
** TS78M24A
*** Follow the derating curve
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Pin Definition:
1. Input
2. Ground (tab)
3. Output


유사한 부품 번호 - TS78M24ACPRO

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78M24ACP TSC-TS78M24ACP Datasheet
173Kb / 9P
   3-Terminal Medium Current Positive Voltage Regulator
More results

유사한 설명 - TS78M24ACPRO

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com