전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS432BIBRF 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

부품명 TS432BIBRF
상세설명  Adjustable Precision Shunt Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432BIBRF 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS432BIBRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432BIBRF Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS432I
Adjustable Precision Shunt Regulator
2/12
Version: A07
Recommend Operating Condition
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
Vka
18
V
Continuous Cathode Current Range
Ik
100
mA
Recommend Operating Condition
Parameter
Symbo
Test Conditions
Min
Typ
Max
Unit
TS432I
1.215
1.264
TS432AI
1.227
1.252
Reference voltage
TS432BI
Vref
Vka =Vref, Ik=10mA (Figure 1)
Ta=25
oC
1.233
1.240
1.246
V
Deviation of reference input
voltage
∆Vref
Vka =Vref, Ik=10mA
Ta= full range (Figure 1)
--
10
25
mV
Radio of change in Vref to
change in cathode Voltage
∆Vref/∆Vka
Ika=10mA, Vka = 18V to Vref
(Figure 2)
--
-1.0
-2.7
mV/V
Reference Input current
Iref
R1=10KΩ, R2= ! , Ika=10mA
Ta= full range (Figure 2)
--
0.25
0.5
uA
Deviation of reference input
current, over temp.
∆Iref
R1=10KΩ, R2= ! , Ika=10mA
Ta= full range (Figure 2)
--
0.04
0.08
uA
Off-state Cathode Current
Ika(off)
Vref=0V (Figure 3),
Vka=18V
--
0.125
0.5
uA
Dynamic Output Impedance
|Zka|
f<1KHz, Vka=Vref
Ika=1mA to 100mA (Figure 1)
--
0.2
0.4
Ω
Minimum operating cathode
current
Ika(min)
Vka=Vref (Figure 1)
--
60
80
uA
* The deviation parameters ∆Vref and ∆Iref are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
* The average temperature coefficient of the
reference input voltage, αVref is defined as:
Where: T2-T1 = full temperature change.
αVref can be positive or negative depending on whether Vref Min. or Vref Max occurs at the lower ambient
temperature. Example: ∆Vref=7.2mV and the slope is postive, Vref=1.241V at 25
oC, ΔT=125 oC
* The dynamic impedance ZKA is defined as:
* When the device operating with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of
the circuit is given by:


유사한 부품 번호 - TS432BIBRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS432BIXRF TSC-TS432BIXRF Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRFG TSC-TS432BIXRFG Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRK TSC-TS432BIXRK Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
TS432BIXRKG TSC-TS432BIXRKG Datasheet
442Kb / 10P
   Adjustable Precision Shunt Regulator
More results

유사한 설명 - TS432BIBRF

제조업체부품명데이터시트상세설명
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com