전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS1581CM5RN 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS1581CM5RN
상세설명  5A Dual Input LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1581CM5RN 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1581CM5RN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1581CM5RN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS1581
5A Dual Input LDO
6/9
Version: A07
Application Information (Continue)
Protection Diode
In normal operation TS1581 family does not need any protection diodes between the Adjust pin and the output and
from the output to the input to prevent die overstress. Internal resistors are limiting the internal current paths on the
Adjust pin. Therefore even with bypass capacitors on the Adjust pin no protection diode is needed to ensure device
safety under short-circuit conditions. The Adjust pin can be driver on a transient basis +/-7V with respect to the output
without any device degradation.
A protection diode between the Output pin and Vpower pin is not usually needed. Microsecond surge currents of 50A
to 100A can be handled by the internal diode between the Output pin and Vpower pin of the device. In normal
operations it is difficult to get those values of surge currents even with the use of large output capacitances. Only with
high value output capacitors, such as 1000uF to 5000uF and the Vpower pin is instantaneously shorted to ground,
damage can occur. A diode from output to input is recommended.
If TS1581 is connected as a single supply device with the control and power input ins shorted together the internal
diode between the output and the power input pin will protect the control input pin.
Thermal Considerations
The TS1581 family have internal power and thermal limiting circuit designed to protect the device under overload
conditions. However maximum junction temperature ratings should not be exceeded under continuous normal load
conditions. Careful consideration must be given to all sources of thermal resistance from junction to ambient, including
junction-to-case, case-to-heat sink interface and heat sink resistance itself. Junction temperature of the Control section
can urn up to125ºC. Junction temperature of the Power section can run up to 150ºC. Due to the thermal gradients
between the power transistor and the control circuitry there is a significant difference in thermal resistance between the
Control and Power sections.
Virtually all the power dissipated by the device is dissipated in the power transistor. The temperature rise in the power
transistor will be greater than the temperature rise in the Control section making the thermal resistance lower in the
Control section. At power levels below 12W the temperature gradient will be less than 25ºC and the maximum ambient
temperature will be determined by the junction temperature of the Control section. This is due to the lower maximum
junction temperature in the Control section. At power levels above 12W the temperature gradient will be greater than
25ºC and the maximum ambient temperature will be determined by the Power section. In both cases the junction
temperature is determined by the total power dissipated in the device. For most low dropout applications the power
dissipation will be less than 12W.
The power in the device is made up of two components: the power in the output transistor and the power in the control
circuit.
The power in the control circuit is negligible.
The power in the control circuit is equal to:
Pcontrol = ( Vcontrol – Vout ) ( Icontrol )
Where Icontrol is equal Iout / 100 (typ)
The power in the out transistor is equal to:
Poutput = ( Vpower – Vout ) ( Iout )
The total power is equal to:
Ptotal = Pcontrol + Poutput
Junction-to-case thermal resistances is specified from the IC junction to the bottom of the case directly below the die.
This is the lowest resistance path for the heat flow. In order to ensure the best possible thermal flow this area of the
package to the heat sink proper mounting is required. Thermal compound at the case-to-heat sink interface is
recommended. A thermally conductive spacer can be used, if the case of the device must be electrically isolated, but
its added contribution to thermal resistance has to be considered.


유사한 부품 번호 - TS1581CM5RN

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS1581CM5 TSC-TS1581CM5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM52.5 TSC-TS1581CM52.5 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM525 TSC-TS1581CM525 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM53.3 TSC-TS1581CM53.3 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
TS1581CM533 TSC-TS1581CM533 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
More results

유사한 설명 - TS1581CM5RN

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS1582 TSC-TS1582_07 Datasheet
432Kb / 9P
   3A Dual Input LDO
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500_07 Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
logo
Advanced Monolithic Sys...
AMS1084 AMS-AMS1084 Datasheet
1Mb / 11P
   5A LDO VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Taiwan Semiconductor Co...
TS1581 TSC-TS1581 Datasheet
135Kb / 7P
   5A Dual Input Low Dropout Positive Voltage Regulator
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com