전자부품 데이터시트 검색엔진 |
|
UA78L02ACDE4 데이터시트(PDF) 1 Page - Texas Instruments |
|
UA78L02ACDE4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 25 page µA78L00 SERIES POSITIVEVOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 3-Terminal Regulators D Output Current Up To 100 mA D No External Components D Internal Thermal-Overload Protection D Internal Short-Circuit Current Limiting description/ordering information This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. One of these regulators can deliver up to 100 mA of output current. The internal limiting and thermal-shutdown features of these regulators essentially make them immune to overload. When used as a replacement for a Zener diode-resistor combination, an effective improvement in output impedance can be obtained, together with lower bias current. The µA78L00C and µA78L00AC series are characterized for operation over the virtual junction temperature range of 0 °C to 125°C. The µA78L05AI is characterized for operation over the virtual junction temperature range of −40 °C to 125 °C. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. D PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 OUTPUT COMMON COMMON NC INPUT COMMON COMMON NC PK PACKAGE (TOP VIEW) NC − No internal connection INPUT COMMON OUTPUT LP PACKAGE (TO-92, TO-226AA) (TOP VIEW) INPUT COMMON OUTPUT |
유사한 부품 번호 - UA78L02ACDE4 |
|
유사한 설명 - UA78L02ACDE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |