전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS862C12R 데이터시트(PDF) 2 Page - Fuji Electric

부품명 TS862C12R
상세설명  High Voltage Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS862C12R 데이터시트(HTML) 2 Page - Fuji Electric

  TS862C12R Datasheet HTML 1Page - Fuji Electric TS862C12R Datasheet HTML 2Page - Fuji Electric TS862C12R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TS862C12R (10A)
Characteristics
(120V / 10A )
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=150°C
Tj=125°C
Tj=100°C
Tj=25°C
Forward Characteristic (typ.)
V F Forward Voltage (V)
0
102030 4050607080 90 100 110 120 130 140
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Reverse Characteristic (typ.)
Tj= 25°C
Tj=100°C
Tj=125°C
Tj=150°C
V R Reverse Voltage (V)
02
4
6
0
2
4
6
8
Per 1element
DC
Square wave
λ=180°
Sine wave
λ=180°
Square wave
λ=120°
Square wave
λ=60°
Forward Power Dissipation (max.)
I o Average Forward Current (A)
360°
λ
Io
0
20
40
60
80
100
120
140
0
2
4
Reverse Power Dissipation (max.)
α=180°
DC
V R
Reverse Voltage
(V)
360°
α
V R
05
10
15
100
110
120
130
140
150
160
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave
λ=120°
Square wave
λ=60°
Square wave
λ=180°
Sine wave
λ=180°
DC
Current Derating (Io-Tc) (max.)
I o
Average Output Current
(A)
VR=60V
360°
λ
Io
1
10
100
1000
10
100
1000
Junction Capacitance Characteristic (max.)
VR
Reverse Voltage (V)


유사한 부품 번호 - TS862C12R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
TS862C15R FUJI-TS862C15R Datasheet
59Kb / 3P
   High Voltage Schottky barrier diode
More results

유사한 설명 - TS862C12R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
YG861S15R FUJI-YG861S15R Datasheet
128Kb / 4P
   High Voltage Schottky barrier diode
PH868C15 FUJI-PH868C15 Datasheet
68Kb / 3P
   High Voltage Schottky barrier diode
CB863-12 FUJI-CB863-12 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
CB863-20 FUJI-CB863-20 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
PH865C15 FUJI-PH865C15 Datasheet
71Kb / 3P
   High Voltage Schottky barrier diode
FD867-20 FUJI-FD867-20 Datasheet
129Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YG868C12R FUJI-YG868C12R Datasheet
56Kb / 3P
   High Voltage Schottky barrier diode
YA865C12R FUJI-YA865C12R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
TS868C12R FUJI-TS868C12R Datasheet
55Kb / 3P
   High Voltage Schottky barrier diode
YG868C15R FUJI-YG868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com