전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS965C6R 데이터시트(PDF) 2 Page - Fuji Electric

부품명 TS965C6R
상세설명  LOW LOSS SUPER HIGH SPEED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS965C6R 데이터시트(HTML) 2 Page - Fuji Electric

  TS965C6R Datasheet HTML 1Page - Fuji Electric TS965C6R Datasheet HTML 2Page - Fuji Electric TS965C6R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics
TS965C6R
(T-pack Ip 20A / 600V )
0.01
0.1
1
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Tj=100°C
Tj=25°C
Tj=125°C
Tj=150°C
Forward Characteristic (typ.)
VF Forward Voltage (V)
01
23
4
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Square wave λ=180°
Sine wave λ=180°
Square wave λ=120°
Per 1element
DC
Square wave λ=60°
Forward Power Dissipation (max.)
Io Average Output Current
(A)
360°
Io
λ
0
100
200
300
400
500
600
700
0.000
0.002
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0.022
0.024
Reverse Power Dissipation (max.)
α=180°
DC
VR Reverse Voltage (V)
360°
VR
α
0123
4
5
6789
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ:Conduction angle of forward current for each rectifier element
Io:Output current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (Io-Tc) (max.)
Io Average Output Current (A)
1
10
100
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR Reverse Voltage (V)
Reverse Characteristic (typ.)
0
100
200
300
400
500
600
700
101
100
10-1
10-2
10-3
10-4
VR Reverse Voltage (V)
Tj=25
°C
Tj=100
°C
Tj=125
°C
Tj=150
°C


유사한 부품 번호 - TS965C6R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results

유사한 설명 - TS965C6R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ESAD92M-02R FUJI-ESAD92M-02R Datasheet
89Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com