전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

KOM2125 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 KOM2125
부품 상세설명  2fach-Silizium-PIN Fotodiode in SMT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KOM2125 데이터시트(HTML) 3 Page - OSRAM GmbH

  KOM2125_01 Datasheet HTML 1Page - OSRAM GmbH KOM2125_01 Datasheet HTML 2Page - OSRAM GmbH KOM2125_01 Datasheet HTML 3Page - OSRAM GmbH KOM2125_01 Datasheet HTML 4Page - OSRAM GmbH KOM2125_01 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KOM 2125, KOM 2125 FA
2001-02-21
3
Leerlaufspannung
Open-circuit voltage
E
v = 1000 Ix, Normlicht/standard light A
E
e = 1 mW/cm
2,
λ = 850 nm
V
O
V
O
350 (
> 300)
350 (
> 300)
mV
mV
Kurzschlussstrom
Short-circuit current
Normlicht/standard light A
T = 2856 K, E
v = 1000 Ix
λ = 870 nm, E
e = 1 mW/cm
2
Diode A
Diode B
Diode A
Diode B
I
SC
I
SC
38
95
24
66
µA
µA
Anstiegszeit/Abfallzeit
Diode A
Rise and fall time
Diode B
R
L = 50 Ω; VR = 5 V;
λ = 850 nm; I
P = 800 µA
t
r, tf
18
25
18
25
ns
Durchlassspannung,
I
F = 100 mA; E = 0
Forward voltage
V
F
1.0
1.0
V
Kapazität
Diode A
Capacitance
Diode B
V
R = 0 V; f = 1 MHz; E = 0
C
0
40
100
40
100
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
– 2.6
mV/K
Temperaturkoeffizient von
I
P
Temperature coefficient of
I
P
Normlicht/standard light A
λ = 850 nm
TC
I
0.18
0.2
%/K
Rauschäquivalente
Strahlungsleistung
Diode A
Noise equivalent power
Diode B
V
R = 10 V
NEP
6.4
× 10– 14
9.1
× 10– 14
6.4
× 10– 14
9.1
× 10– 14
Nachweisgrenze,
V
R = 10 V
Diode A
Detection limit
Diode B
D*
3.1
× 1012
3.5
× 1012
3.1
× 1012
3.5
× 1012
Kennwerte (
T
A = 25 °C)
Characteristics (
T
A = 25 °C) (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
KOM 2125
KOM 2125 FA
W
Hz
------------
cm
Hz
×
W
--------------------------


유사한 부품 번호 - KOM2125_01

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
More results

유사한 설명 - KOM2125_01

제조업체부품명데이터시트부품 상세설명
Siemens Semiconductor Group
Siemens Semiconductor G...
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
OSRAM GmbH
OSRAM GmbH
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
Q65110A2701 OSRAM-Q65110A2701 Datasheet
139Kb / 8P
   Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
Siemens Semiconductor Group
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
OSRAM GmbH
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
Siemens Semiconductor Group
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
More results


Html Pages

1  2  3  4  5 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz