전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LK112SM46TR 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 LK112SM46TR
상세설명  Low noise low drop voltage regulator with shutdown function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112SM46TR 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button LK112SM46TR Datasheet HTML 7Page - STMicroelectronics LK112SM46TR Datasheet HTML 8Page - STMicroelectronics LK112SM46TR Datasheet HTML 9Page - STMicroelectronics LK112SM46TR Datasheet HTML 10Page - STMicroelectronics LK112SM46TR Datasheet HTML 11Page - STMicroelectronics LK112SM46TR Datasheet HTML 12Page - STMicroelectronics LK112SM46TR Datasheet HTML 13Page - STMicroelectronics LK112SM46TR Datasheet HTML 14Page - STMicroelectronics LK112SM46TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LK112Sxx
Typical characteristics
11/18
Figure 27.
Line transient
Figure 28.
Load transient
VI=3.5 to 4.5V, VO=2.5V, VSHDN= 1.8V, IO=30mA, no CI,
CO=1µF, CBYP=1nF, ts=tf=2µs
VI=3.5V, VO=2.5V, VSHDN= 1.8V, IO=50 to 100mA, CI=1µF,
CO=2.2µF, CBYP=10nF, ts=tf=250ns
Figure 29.
Load transient
Figure 30.
Load transient
VI=3.5V, VO=2.5V, VSHDN= 1.8V, IO=50 to 100mA, CI=1µF,
CO=10µF, CBYP=100nF, ts=tf=250ns
VI=4.8V, VO=3.8V, VSHDN= 1.8V, IO=50 to 100mA, CI=1µF,
CO=2.2µF, CBYP=10nF, ts=tf=250ns


유사한 부품 번호 - LK112SM46TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LK112SM46TR STMICROELECTRONICS-LK112SM46TR Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112SM46TR STMICROELECTRONICS-LK112SM46TR Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
More results

유사한 설명 - LK112SM46TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
   Low noise low drop voltage regulator with shutdown function
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com