전자부품 데이터시트 검색엔진 |
|
TLC074IN 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
TLC074IN 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 50 page TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006 9 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT AVD Large-signal differential voltage VO(PP) = 8 V, RL = 10 kΩ 25 °C 120 140 dB AVD Large-signal differential voltage amplification VO(PP) = 8 V, RL = 10 kΩ Full range 120 dB ri(d) Differential input resistance 25 °C 1000 G Ω CIC Common-mode input capacitance f = 10 kHz 25 °C 21.6 pF zo Closed-loop output impedance f = 10 kHz, AV = 10 25 °C 0.25 Ω CMRR Common-mode rejection ratio VIC = 1 to 10 V, RS = 50 Ω 25 °C 80 100 dB CMRR Common-mode rejection ratio VIC = 1 to 10 V, RS = 50 Ω Full range 80 dB kSVR Supply voltage rejection ratio VDD = 4.5 V to 16 V, VIC = VDD /2, 25 °C 80 100 dB kSVR Supply voltage rejection ratio ( ∆VDD /∆VIO) VDD = 4.5 V to 16 V, No load VIC = VDD /2, Full range 80 dB IDD Supply current (per channel) VO = 7.5 V, No load 25 °C 2.1 2.9 mA IDD Supply current (per channel) VO = 7.5 V, No load Full range 3.5 mA IDD(SHDN) Supply current in shutdown mode (TLC070, TLC073, SHDN ≤ 0.8 V 25 °C 125 200 A IDD(SHDN) mode (TLC070, TLC073, TLC075) (per channel) SHDN ≤ 0.8 V Full range 250 µA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |
유사한 부품 번호 - TLC074IN |
|
유사한 설명 - TLC074IN |