전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2103 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN2103
상세설명  3A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2103 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103 Datasheet HTML 9Page - Fairchild Semiconductor FAN2103 Datasheet HTML 10Page - Fairchild Semiconductor FAN2103 Datasheet HTML 11Page - Fairchild Semiconductor FAN2103 Datasheet HTML 12Page - Fairchild Semiconductor FAN2103 Datasheet HTML 13Page - Fairchild Semiconductor FAN2103 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 Rev. 1.0.3
11
Setting the Ramp Resistor Value
The internal ramp voltage excursion (ΔVRAMP) during tON
should be set to 0.6V. RRAMP is approximately:
2
F
V
10
x
18
V
)
8
.
1
V
(
R
IN
6
OUT
IN
)
K
(
RAMP
=
Ω
(7)
where frequency (F) is expressed in KHz.
Setting the Current Limit
There are two levels of current limit thresholds in
FAN2103. The first level of protection is through an
internal default limit set at the factory to limit output
current beyond normal usage levels. The second level
of protection is a flexible one to be set externally by the
user. Current limit protection is enabled whenever the
lower of the two thresholds is reached. The FAN2103
uses its internal low-side MOSFET as the current-
sensing element. The current-limit threshold voltage
(VILIM) is compared to the voltage drop across the low-
side MOSFET, sampled at the end of each PWM off-
time/cycle. The internal default threshold (with ILIM open)
is temperature compensated.
The 10µA current sourced from the ILIM pin can be
used to establish a lower, temperature–dependent,
current-limit threshold by connecting an external
resistor (RILIM) to AGND:
5
.
142
)
I
I
(
K
4
.
10
L
OUT
T
+
Δ
=
2
RILIM(KΩ)
(8)
where:
IOUT = desired current limit set point in Amps,
KT = the normalized temperature coefficient of the
low-side MOSFET (Q2) from Figure 8.
After 16 consecutive, pulse-by-pulse, current-limit
cycles, the fault latch is set and the regulator shuts
down. Cycling VCC or EN restores operation after a
normal soft-start cycle (refer to Auto-Restart section).
The over-current protection fault latch is active during
the soft-start cycle. Use a 1% resistor for RILIM.
Loop Compensation
The loop is compensated using a feedback network
around the error amplifier. Figure 22 shows a complete
Type-3 compensation network. Type-2 compensation
eliminates R3 and C3.
Figure 22. Compensation Network
Because the FAN2103 employs summing current-mode
architecture, Type-2 compensation can be used for
many applications. For applications that require wide
loop bandwidth and/or use very low-ESR output
capacitors, Type-3 compensation may be required.
RRAMP provides feedforward compensation for changes
in VIN. With a fixed RRAMP value, the modulator gain
increases as VIN is reduced, which could make it difficult
to compensate the loop. For designs with low input
voltages (3V to 6.5V), it is recommended that separate
RRAMP and the compensation component values are
used as compared to designs with VIN between 6.5V
and 24V.
Protection
The converter output is monitored and protected
against extreme overload, short-circuit, over-voltage,
and under-voltage conditions.
An internal “Fault Latch” is set for any fault intended to
shut down the IC. When the fault latch is set, the IC
discharges VOUT by enhancing the low-side MOSFET
until FB<0.25V. The MOSFET is not turned on again
unless FB>0.5V. This behavior discharges the output
without causing undershoot (negative output voltage).
GATE
DRIVE
PWM
0.25/0.5V
FAULT
PWM LATCH
FB
Figure 23. Latched Fault Response
Under-Voltage Shutdown
If FB remains below the under-voltage threshold for 16
consecutive clock cycles, the fault latch is set and the
converter shuts down. This fault is prevented from
setting the fault latch during soft-start.
Over-Voltage Protection / Shutdown
If FB exceeds 115%
VREF for two consecutive clock
cycles, the fault latch is set and shutdown occurs.
A shorted high-side MOSFET condition is detected
when SW voltage exceeds ~0.7V while the low-side
MOSFET is fully enhanced. The fault latch is set
immediately upon detection.
These two fault conditions are allowed to set the fault
latch at any time, including during soft-start.
Auto-Restart
After a fault, EN is discharged with 1µA to a 1.1V
threshold before the 800K
Ω pull-up is restored. A new
soft-start cycle begins when EN charges above 1.35V.
Depending on the external circuit, the FAN2103 can be
provisioned to remain latched-off or automatically
restart after a fault.


유사한 부품 번호 - FAN2103

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2103

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com