전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN2103EMPX 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN2103EMPX
상세설명  3A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103EMPX 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2103EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 9Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 10Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 11Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 12Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 13Page - Fairchild Semiconductor FAN2103EMPX Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 Rev. 1.0.3
10
Circuit Description
Initialization
Once VCC exceeds the UVLO threshold and EN is
HIGH, the IC checks for an open or shorted FB pin
before releasing the internal soft-start ramp (SS).
If R1 is open, the error amplifier output (COMP) is forced
LOW and no pulses are generated. After the SS ramp
times out (T1.0), an under-voltage latched fault occurs.
If the parallel combination of R1 and RBIAS is ≤ 1KΩ, the
internal SS ramp is not released and the regulator does
not start.
Soft-Start
Once SS has charged to 0.8V (T0.8), the output voltage
is in regulation. Until SS reaches 1.0V (T1.0), the “Fault
Latch” and power-saving mode operations are inhibited.
To avoid skipping the soft-start cycle, it is necessary to
apply VIN before VCC reaches its UVLO threshold.
Soft-start time is a function of oscillator frequency.
SS
1.35V
FB
EN
0.8V
T0.8
T1.0
3200 CLKs
4000 CLKs
Fault
Latch
Enable
0.8V
1.0V
2400 CLKs
Figure 21. Soft-Start Timing Diagram
The regulator does not allow the low-side MOSFET to
operate in full synchronous rectification mode until SS
reaches 95% of VREF (~0.76V). This helps the regulator
start against pre-biased outputs and ensures that
inductor current does not "ratchet" up during the soft-
start cycle.
VCC UVLO or toggling the EN pin discharges the SS and
resets the IC.
Bias Supply
The FAN2103 requires a 5V supply rail to bias the IC
and provide gate-drive energy and controller power.
Connect a >1.0µf X5R or X7R decoupling capacitor
between VCC and PGND. Whenever EN pin is pulled
up to VCC, the 5V supply connected to VCC should be
turned ON after VIN comes up. If the power supply is
turned ON using EN pin with an external control after
VCC and VIN come up, the VCC and VIN power
sequencing is not relevant.
Since VCC is used to drive the internal MOSFET gates,
supply current is frequency and voltage dependent.
Approximate VCC current (ICC) can be calculated using:
)]
128
F
(
)
013
.
0
227
5
V
[(
58
.
4
I
CC
)
mA
(
CC
+
+
=
(1)
where frequency (F) is expressed in KHz.
Setting the Output Voltage
The output voltage of the regulator can be set from 0.8V
to ~90% of VIN by an external resistor divider (R1 and
RBIAS in Figure 1).
The internal reference is 0.8V with 650nA, sourced from
the FB pin to ensure that if the pin is open, the regulator
does not start.
The external resistor divider is calculated using:
nA
650
1
R
V
8
.
0
V
R
V
8
.
0
OUT
BIAS
+
=
(2)
Connect RBIAS between FB and AGND.
To minimize noise on the FB node, the values of R1
and RBIAS should be selected to provide a minimum
parallel impedance of 1K
Ω.
Setting the Frequency
Oscillator frequency is determined by an external resistor,
RT, connected between the R(T) pin and AGND:
135
)
R
65
(
10
F
T
6
)
KHz
(
+
=
(3)
where RT is expressed in KΩ.
65
135
)
F
/
10
(
R
6
)
K
(
T
=
Ω
(4)
where frequency (F) is expressed in KHz.
The regulator does not start if RT is left open.
Calculating the Inductor Value
Typically the inductor is set for a ripple current (
ΔIL) of
10% to 35% of the maximum DC load. Regulators
requiring fast transient response use a value on the
high side of this range, while regulators that require very
low output ripple and/or use high-ESR capacitors
restrict allowable ripple current:
F
L
D)
-
(1
V
I
OUT
L
=
Δ
(5)
where F is the oscillator frequency, and
F
I
D)
-
(1
V
L
L
OUT
Δ
=
(6)
The selection of inductor influences the entry into
power-saving mode. Consider minimum and maximum
load conditions before inductor selection.


유사한 부품 번호 - FAN2103EMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results

유사한 설명 - FAN2103EMPX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com