전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS985C6R 데이터시트(PDF) 11 Page - Fuji Electric

부품명 TS985C6R
상세설명  SILICON DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJI [Fuji Electric]
홈페이지  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TS985C6R 데이터시트(HTML) 11 Page - Fuji Electric

Back Button TS985C6R Datasheet HTML 4Page - Fuji Electric TS985C6R Datasheet HTML 5Page - Fuji Electric TS985C6R Datasheet HTML 6Page - Fuji Electric TS985C6R Datasheet HTML 7Page - Fuji Electric TS985C6R Datasheet HTML 8Page - Fuji Electric TS985C6R Datasheet HTML 9Page - Fuji Electric TS985C6R Datasheet HTML 10Page - Fuji Electric TS985C6R Datasheet HTML 11Page - Fuji Electric TS985C6R Datasheet HTML 12Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MS5D3308
11/12
H04-004-03a
Fuji Electric Device Technology Co.,Ltd.
0
2
4
6
8
101214
1618202224
2628
60
70
80
90
100
110
120
130
140
150
160
Square wave λ=60°
Square wave λ=120°
λ:Conduction angle of forward current for each rectifier element
IF(AV):Forward current of center-tap full wave connection
Square wave λ=180°
Sine wave λ=180°
DC
Current Derating (IF(AV)-Tc) (max.)
IF(AV) Average Forward Current
(A)
1
10
100
1000
1
10
100
1000
Junction Capacitance Characteristic (typ.)
VR
Reverse Voltage (V)
110
100
1
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz


유사한 부품 번호 - TS985C6R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
TS985C6R FUJI-TS985C6R Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
TS985C6R FUJI-TS985C6R_10 Datasheet
642Kb / 6P
   Low-Loss Fast Recovery Diode
More results

유사한 설명 - TS985C6R

제조업체부품명데이터시트상세설명
logo
Fuji Electric
YG963S6R FUJI-YG963S6R Datasheet
137Kb / 12P
   SILICON DIODE
ESAD92M-02RR FUJI-ESAD92M-02RR Datasheet
447Kb / 12P
   SILICON DIODE
ESAD92-03R FUJI-ESAD92-03R Datasheet
481Kb / 12P
   SILICON DIODE
ESAB92-02R FUJI-ESAB92-02R Datasheet
446Kb / 12P
   SILICON DIODE
logo
Sanken electric
FMG-24R SANKEN-FMG-24R Datasheet
226Kb / 3P
   Silicon Diode
FML-G12S SANKEN-FML-G12S Datasheet
197Kb / 4P
   Silicon Diode
FMX-22SL SANKEN-FMX-22SL Datasheet
140Kb / 5P
   Silicon Diode
FMX-2203 SANKEN-FMX-2203 Datasheet
223Kb / 4P
   Silicon Diode
FMXA-1104S SANKEN-FMXA-1104S Datasheet
137Kb / 5P
   Silicon Diode
FMX-G16S SANKEN-FMX-G16S Datasheet
149Kb / 5P
   Silicon Diode
MPL-102S SANKEN-MPL-102S Datasheet
336Kb / 4P
   Silicon Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com