전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6713ATR 데이터시트(PDF) 1 Page - Holtek Semiconductor Inc

부품명 L6713ATR
상세설명  2/3 Phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

L6713ATR 데이터시트(HTML) 1 Page - Holtek Semiconductor Inc

  L6713ATR Datasheet HTML 1Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 2Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 3Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 4Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 5Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 6Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 7Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 8Page - Holtek Semiconductor Inc L6713ATR Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
November 2006
Rev 2
1/64
64
L6713A
2/3 Phase controller with embedded drivers for Intel VR10, VR11
and AMD 6 bit CPUs
General features
Load transient boost (LTB) technology™ to
minimize the number of output capacitors
(patent pending)
Dual-edge asynchronous PWM
Selectable 2 or 3 phase operation
0.5% Output voltage accuracy
7/8 bit programmable output up to 1.60000V -
Intel VR10.x, VR11 DAC
6 bit programmable output up to 1.5500V -
AMD 6 bit DAC
High current Integrated gate drivers
Full differential current sensing across inductor
Embedded VRD thermal monitor
Differential remote voltage sensing
Dynamic VID management
Adjustable voltage offset
Low-side-less startup
Programmable soft start
Programmable over voltage protection
Preliminary over voltage protection
Programmable over current protection
Adjustable switching frequency
Output enable
SS_END / PGOOD signal
TQFP64 10x10mm package with exposed pad
Applications
High current VRD for desktop CPUs
Workstation and server CPU power supply
VRM modules
Description
L6713A implements a two/three phase step-down
controller with 180º/120º phase-shift between
each phase with integrated high current drivers in
a compact 10x10mm body package with exposed
pad.The 2 or 3 phase operation can be easily
selected through PHASE_SEL pin.
Load Transient Boost (LTB) Technology™ (Patent
Pending) reduces system cost by providing the
fastest response to load transition therefore
requiring less bulk and ceramic output capacitors
to satisfy load transient requirements.
LTB Technology™ can be disabled and in this
condition the device works as a dual-edge
asynchronous PWM.
The device embeds selectable DACs: the output
voltage ranges up to 1.60000V (both Intel VR10.x
and VR11 DAC) or up to 1.5500V (AMD 6BIT
DAC) managing D-VID with ±0.5% output voltage
accuracy over line and temperature variations.
The controller assures fast protection against load
over current and under / over voltage (in this last
case also before UVLO). In case of over-current
the device turns off all MOSFET and latches the
condition.
System Thermal Monitor is also provided allowing
system protection from over-temperature
conditions.
TQFP64 (Exposed Pad)
www.st.com
Order codes
Part number
Package
Packaging
L6713A
TQFP64 (Exposed Pad)
Tube
L6713ATR
TQFP64 (Exposed Pad)
Tape and reel


유사한 부품 번호 - L6713ATR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6713ATR STMICROELECTRONICS-L6713ATR Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
More results

유사한 설명 - L6713ATR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6713A STMICROELECTRONICS-L6713A Datasheet
804Kb / 64P
   2/3 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6 bit CPUs
August 2008 Rev 3
L6714 STMICROELECTRONICS-L6714 Datasheet
677Kb / 70P
   4 phase controller with embedded drivers for Intel VR10, VR11 and AMD 6Bit CPUs
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312A INTERSIL-ISL6312A Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
ISL6312ACRZ INTERSIL-ISL6312ACRZ Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
January 22, 2015
ISL6312A INTERSIL-ISL6312A Datasheet
849Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Renesas Technology Corp
ISL6312 RENESAS-ISL6312 Datasheet
1Mb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
logo
Intersil Corporation
ISL6322CRZ INTERSIL-ISL6322CRZ Datasheet
800Kb / 41P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10, VR11, and AMD Applications
August 2, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com