์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SN54ABTH16244 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Texas Instruments

๋ถ€ํ’ˆ๋ช… SN54ABTH16244
์ƒ์„ธ๋‚ด์šฉ  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  TI [Texas Instruments]
ํ™ˆํŽ˜์ด์ง€  http://www.ti.com
Logo 

SN54ABTH16244 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
/ 13 page
 5 / 13 page
background image
SN54ABTH16244, SN74ABTH16244
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS677D โ€“ SEPTEMBER 1996 โ€“ REVISED MARCH 2000
5
POST OFFICE BOX 655303
โ€ข DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25ยฐC
SN54ABTH16244
SN74ABTH16244
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
2.3
3.2
0.7
3.6
1
3.5
ns
tPHL
A
Y
1
2.6
3.7
0.5
4.2
1
4.1
ns
tPZH
OE
Y
1
3
3.8
0.7
4.9
1
4.8
ns
tPZL
OE
Y
1
3.2
4
0.9
5.3
1
4.8
ns
tPHZ
OE
Y
1
3.6
4.4
0.7
5.3
1
4.8
ns
tPLZ
OE
Y
1
2.9
3.7
1
4.6
1
4.1
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn