전자부품 데이터시트 검색엔진 |
|
SN74AUP1G08DBVR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AUP1G08DBVR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 17 page 1 FEATURES DRY PACKAGE (TOP VIEW) GND V CC B 5 4 2 3 A Y 1 YZP PACKAGE (BOTTOMVIEW) PR EV IE W 6 NC YFP PACKAGE (BOTTOMVIEW) PR EVIE W 6 NC DESCRIPTION/ORDERING INFORMATION This single 2-input positive-AND gate performs the Boolean function Y + A • B or Y + A ) B in positive logic. SN74AUP1G08 LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE SCES502G – NOVEMBER 2003 – REVISED OCTOBER 2007 www.ti.com 2 • Available in the Texas Instruments NanoFree™ • Optimized for 3.3-V Operation Package • 3.6-V I/O Tolerant to Support Mixed-Mode • Low Static-Power Consumption (I CC = 0.9 μA Signal Operation Maximum) • t pd = 4.3 ns Maximum at 3.3 V • Low Dynamic-Power Consumption • Suitable for Point-to-Point Applications (Cpd = 4.3 pF Typ at 3.3 V) • Latch-Up Performance Exceeds 100 mA Per • Low Input Capacitance (C i = 1.5 pF Typical) JESD 78, Class II • Low Noise – Overshoot and Undershoot • ESD Performance Tested Per JESD 22 <10% of VCC – 2000-V Human-Body Model • I off Supports Partial-Power-Down Mode (A114-B, Class II) Operation – 200-V Machine Model (A115-A) • Schmitt-Trigger Action Allows Slow Input – 1000-V Charged-Device Model (C101) Transition and Better Switching Noise • ESD Protection Exceeds ±5000 V With Immunity at the Input (Vhys = 250 mV Typical at Human-Body Model 3.3 V) • Wide Operating V CC Range of 0.8 V to 3.6 V The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal integrity (see the very low undershoot and overshoot characteristics shown in Figure 2). 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 NanoFree is a trademark of Texas Instruments. UNLESS OTHERWISE NOTED this document contains Copyright © 2003–2007, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74AUP1G08DBVR |
|
유사한 설명 - SN74AUP1G08DBVR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |