전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4360-8BCPRL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADF4360-8BCPRL7
상세설명  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4360-8BCPRL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADF4360-8BCPRL7 Datasheet HTML 2Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 3Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 4Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 5Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 6Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 7Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 8Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 9Page - Analog Devices ADF4360-8BCPRL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADF4360-8
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to GND1
−0.3 V to +3.9 V
AVDD to DVDD
−0.3 V to +0.3 V
VVCO to GND
−0.3 V to +3.9 V
VVCO to AVDD
−0.3 V to +0.3 V
Digital I/O Voltage to GND
−0.3 V to VDD + 0.3 V
Analog I/O Voltage to GND
−0.3 V to VDD + 0.3 V
REFIN to GND
−0.3 V to VDD + 0.3 V
Operating Temperature Range
−40°C to + 85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
CSP θJA Thermal Impedance
Paddle Soldered
50°C/W
Paddle Not Soldered
88°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
1 GND = AGND = DGND = 0 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
This device is a high performance RF integrated circuit with an
ESD rating of <1 kV, and it is ESD sensitive. Proper precautions
should be taken for handling and assembly.
TRANSISTOR COUNT
12543 (CMOS) and 700 (Bipolar)
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although this product
features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to
high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.


유사한 부품 번호 - ADF4360-8BCPRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-8BCPZ AD-ADF4360-8BCPZ Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL AD-ADF4360-8BCPZRL Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-8BCPZRL7 AD-ADF4360-8BCPZRL7 Datasheet
368Kb / 24P
   Integrated Synthesizer and VCO
More results

유사한 설명 - ADF4360-8BCPRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com