전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4935G 데이터시트(PDF) 1 Page - DAESAN ELECTRONIC CORP.

부품명 1N4935G
상세설명  CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N4935G 데이터시트(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  1N4935G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N4935G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4933G THRU 1N4937G
Features
Mechanical Data
· Fast switching
· Low leakage current
· Low forward voltage drop
· High current capability
· Glass passivated junction
· High reliability capability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-41 molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.012 ounce, 0.34 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.0 Ampere
VOLTAGE 50 to 600 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method) at TA=55℃
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=75℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
1.2
VF
VRMS
1.0
Amps
30.0
IFSM
TJ
TSTG
100
150
-65 to +175
Volts
Amp
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
1N4933G
35
50
5.0
Volts
μA
ns
pF
I(AV)
IR
Trr
15.0
CJ
100
1N4934G
70
100
200
1N4935G
140
200
400
1N4936G
280
400
600
1N4937G
420
600
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TL=55℃
Notes:
(1) Test conditions: IF=1.0A, VR=30V
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.205(5.2)
0.166(4.2)
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
DIA.


유사한 부품 번호 - 1N4935G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
1N4935G RECTRON-1N4935G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4935G TSC-1N4935G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Won-Top Electronics
1N4935G WTE-1N4935G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4935G HY-1N4935G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4935G GULFSEMI-1N4935G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

유사한 설명 - 1N4935G

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
1N4933 DAESAN-1N4933 Datasheet
227Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SF11 DAESAN-SF11 Datasheet
230Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
SM4933 DAESAN-SM4933 Datasheet
293Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 600 Volts
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4933PT CHENMKO-1N4933PT Datasheet
91Kb / 2P
   VOLTAGE RANGE 50 - 600 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
1E1 PANJIT-1E1 Datasheet
57Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100S PANJIT-ER100S Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
ER100 PANJIT-ER100 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com