전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6276C 데이터시트(PDF) 3 Page - DAESAN ELECTRONIC CORP.

부품명 1N6276C
상세설명  POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N6276C 데이터시트(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  1N6276C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N6276C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N6276C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N6276C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. 1N6276C Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. 1N6276C Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTIC at (TA=25℃ unless other specified)
Breakdown Voltage
Maximum
Maximum
Maximum
Maximum
General
V(BR) at IT(1)
Test
Stand-off
Reverse
Peak Pulse
Clamping
Temp.
JEDEC
Semiconductor
(V)
Current
Voltage
Leakage
Current
Voltage
Coefficient
Type
Part
IT
VWM
at VWM
IPPM(2)
at IPPM
of V(BR)
Number
Number
Min
Max
(mA)
(V)
ID(4) (µA)
(A)
VC (V)
(% /¡ C)
1N6292(C )A
1.5K E 75(C )A
71.3
78.8
1.0
64.1
1.0
14.6
104
0.105
1N6293(C )
1.5K E 82(C )
73.8
90.2
1.0
66.4
1.0
12.7
118
0.105
1N6293(C )A
1.5K E 82(C )A
77.9
86.1
1.0
70.1
1.0
13.3
113
0.105
1N6294(C )
1.5K E 91(C )
81.9
100.0
1.0
73.7
1.0
11.5
131
0.106
1N6294(C )A
1.5K E 91(C )A
86.5
95.5
1.0
77.8
1.0
12.0
125
0.106
1N6295(C )
1.5K E 100(C )
90.0
110
1.0
81.0
1.0
10.4
144
0.106
1N6295(C )A
1.5K E 100(C )A
95.0
105
1.0
85.5
1.0
10.9
137
0.106
1N6296(C )
1.5K E 110(C )
99.0
121
1.0
89.2
1.0
9.5
158
0.107
1N6296(C )A
1.5K E 110(C )A
105
116
1.0
94.0
1.0
9.9
152
0.107
1N6297(C )
1.5K E 120(C )
108
132
1.0
97.2
1.0
8.7
173
0.107
1N6297(C )A
1.5K E 120(C )A
114
126
1.0
102
1.0
9.1
165
0.107
1N6298(C )
1.5K E 130(C )
117
143
1.0
105
1.0
8.0
187
0.107
1N6298(C )A
1.5K E 130(C )A
124
137
1.0
111
1.0
8.4
179
0.107
1N6299(C )
1.5K E 150(C )
136
165
1.0
121
1.0
7.0
215
0.108
1N6299(C )A
1.5K E 150(C )A
143
158
1.0
128
1.0
7.2
207
0.106
1N6300(C )
1.5K E 160(C )
144
176
1.0
130
1.0
6.5
230
0.106
1N6300(C )A
1.5K E 160(C )A
152
168
1.0
136
1.0
6.8
219
0.108
1N6301(C )
1.5K E 170(C )
153
187
1.0
138
1.0
6.1
244
0.108
1N6301(C )A
1.5K E 170(C )A
162
179
1.0
145
1.0
6.4
234
0.108
1N6302(C )
1.5K E 180(C )
162
198
1.0
146
1.0
5.8
258
0.108
1N6302(C )A
1.5K E 180(C )A
171
189
1.0
154
1.0
6.1
246
0.108
1N6303(C )
1.5K E 200(C )
180
220
1.0
162
1.0
5.2
287
0.108
1N6303(C )A
1.5K E 200(C )A
190
210
1.0
171
1.0
5.5
274
0.108
1.5K E 220(C )
198
242
1.0
175
1.0
4.4
344
0.108
1.5K E 220(C )A
209
231
1.0
185
1.0
4.6
328
0.108
1.5K E 250(C )
225
275
1.0
202
1.0
4.2
360
0.110
1.5K E 250(C )A
237
263
1.0
214
1.0
4.4
344
0.110
1.5K E 300(C )
270
330
1.0
243
1.0
3.5
430
0.110
1.5K E 300(C )A
285
315
1.0
256
1.0
3.6
414
0.110
1.5K E 350(C )
315
385
1.0
284
1.0
3.0
504
0.110
1.5K E 350(C )A
333
368
1.0
300
1.0
3.1
482
0.110
1.5K E 400(C )
360
440
1.0
324
1.0
2.6
574
0.110
1.5K E 400(C )A
380
420
1.0
342
1.0
2.7
548
0.110
1.5K E 440(C )
396
484
1.0
356
1.0
2.4
631
0.110
1.5K E 440(C )A
418
462
1.0
376
1.0
2.5
602
0.110
Notes : (1) P ulse test: tp = 50ms
(2) S urge current waveform per F ig. 3 and derate per F ig. 2
(3) All terms and symbols are consistent with ANS I/IE E E C A62.35
(4) For bidirectional types with V R 10 volts and less the ID limit is doubled
A pplication
¥T his series of S ilicon Transient S uppressors is used in applications where large voltage transients can permanently damage voltage-sensitive components.
¥T he T V S diode can be used in applications where induced lightning on rural or remote transmission lines presents a hazard to electronic circuitry
(ref: R .E .A. specification P.E . 60).
¥T his Transient Voltage S uppressor diode has a pulse power rating of 1500 watts for one millisecond. T he response time of T V S diode clamping action is
effectively instantaneous (1 x 10-9 seconds bidirectional); therefore, they can protect integrated circuits, MOS devices, hybrids, and other voltage sensitive semi-
conductors and components. T V S diodes can also be used in series or parallel to increase the peak power ratings.


유사한 부품 번호 - 1N6276C

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N6276C TRSYS-1N6276C Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
1N6276C TSC-1N6276C Datasheet
110Kb / 3P
   Transient Voltage Suppressor Diodes
logo
List of Unclassifed Man...
1N6276C ETC1-1N6276C Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
1N6276C EIC-1N6276C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
DAESAN ELECTRONIC CORP.
1N6276C DAESAN-1N6276C Datasheet
1Mb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - 1N6276C

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com