전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6278 데이터시트(PDF) 6 Page - DAESAN ELECTRONIC CORP.

부품명 1N6278
상세설명  POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N6278 데이터시트(HTML) 6 Page - DAESAN ELECTRONIC CORP.

  1N6278 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N6278 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N6278 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N6278 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. 1N6278 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. 1N6278 Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES 1.5KE SERIES AND 1N6267 THRU 1N6303(C)A
0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
Fig. 11Ð Ins tantaneous Forwar d Voltage
C haracteris tics C ur ve
Fig. 13ÐTypical R e vers e L eakage
C haracteris tics
Instantaneous F orward Voltage (V )
P ulse width = 300μ
S
1% Duty C ycle
T J = 25OC
10
100
1
0.1
0.001
tp ,
P ulse Duration (sec)
0.01
0.1
1
10
100
1000
F ig. 12Ð Typical Trans ient
T hermal Impedance
0
600
100
200
300
400
500
0.01
0.1
1.0
100
10
1000
B reakdown V oltage (V )


유사한 부품 번호 - 1N6278

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N6278 TRSYS-1N6278 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6278 CHONGQING-1N6278 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6278 LUGUANG-1N6278 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6278 DCCOM-1N6278 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6278 GOOD-ARK-1N6278 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

유사한 설명 - 1N6278

제조업체부품명데이터시트상세설명
logo
DAESAN ELECTRONIC CORP.
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com