전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY251 데이터시트(PDF) 1 Page - DAESAN ELECTRONIC CORP.

부품명 BY251
상세설명  CURRENT 3.0 Amperes VOLTAGE 200 to 1300 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY251 데이터시트(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY251 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY251 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY251 THRU BY255
Features
Mechanical Data
· Low cost
· Diffused junction
· High current capability
· The plastic material carries U/L recognition 94V-0
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.042 ounce, 1.1 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
CURRENT 3.0 Amperes
VOLTAGE 200 to 1300 Volts
Maximum recurrent peak reverse voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
Maximum average forward rectified current
at TA=50℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
200
Volts
Symbols
BY251
Units
1.1
VF
3.0
Amps
100.0
IFSM
TJ
TSTG
-50 to +150
Maximum reverse current at rated DC
blocking voltage
Typical thermal resistance
Typical junction capacitance (Note 1)
Operating and storage temperature range
BY252
BY253
BY254
10.0
30.0
400
600
800
μA
℃/W
pF
I(AV)
IR
JA
30.0
CJ
Recurrent peak Forward Current
Amps
Amps
20.0
IFRM
BY255
1000
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


유사한 부품 번호 - BY251

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Memory Technolog...
BY251 TMT-BY251 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
EIC discrete Semiconduc...
BY251 EIC-BY251 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

유사한 설명 - BY251

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
GOOD-ARK Electronics
BY251 GOOD-ARK-BY251_15 Datasheet
128Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 200 to 1300 Volts Forward Current 3.0 Amperes
logo
Rectron Semiconductor
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Pan Jit International I...
ED302T PANJIT-ED302T_03 Datasheet
44Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
ED302YT PANJIT-ED302YT_03 Datasheet
44Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
ED302T PANJIT-ED302T Datasheet
40Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
ED302YT PANJIT-ED302YT Datasheet
40Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
SF31 DAESAN-SF31 Datasheet
302Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 600 Volts
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com