전자부품 데이터시트 검색엔진 |
|
SB260 데이터시트(PDF) 1 Page - DAESAN ELECTRONIC CORP. |
|
SB260 데이터시트(HTML) 1 Page - DAESAN ELECTRONIC CORP. |
1 / 2 page SB220 THRU SB2100 CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts Maximum Ratings and Electrical Characteristics Notes: (1) Pulse test: 300μS pulse width, 1% duty cycle (2) Thermal resistance from junction to lead, and/or to ambient P.C.B. mounted with 0.375"(9.5mm) lead length with 1.5X1.5"(38X38mm) copper pads (3) Measured 1.0MHz and reverse voltage of 4.0 volts (Ratings at 25℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive load. For capacitive load, derate by 20%) Features Mechanical Data · Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 · Metal silicon junction, majority carrier conduction · Guard ring for overvoltage protection · Low power loss, high efficiency · High current capability, Low forward voltage drop · High surge capability · For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications · High temperature soldering guaranteed : 250℃/10 seconds at terminals, 0.375" (9.5mm) lead length, 5lbs. (2.3Kg) tension · Case : JEDEC DO-15 molded plastic body · Terminals : Plated axial leads, solderable per MIL-STD-750, Method 2026 · Polarity : Color band denotes cathode end · Mounting Position : Any · Weight : 0.014 ounce, 0.39 gram Symbols SB220 SB240 Units Maximum repetitive peak reverse voltage VRRM 20 30 40 Volts Maximum RMS voltage VRMS 0.55 0.70 Maximum DC blocking voltage VDC Volts Maximum average forward rectified current 0.375"(9.5mm) lead length at TL=75℃ I(AV) 2.0 Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) 50.0 Amps Amps Maximum instantaneous forward voltage at 1.0A (Note 1) VF 1.0 Volts TA=25℃ 10 Maximum instantaneous reverse current at rated DC blocking voltage (Note1) TA=100℃ 170 mA Typical thermal resistance (Note 2) 35.0 ℃/W Operating junction temperature range -65 to +125 ℃ IR IFSM RθJA TJ Volts SB230 CJ 14 21 28 20 30 40 P F Typical junction capacitance (Note 3) Storage temperature range TSTG -65 to +150 ℃ 0.85 SB250 SB280 50 60 80 SB260 35 42 56 50 60 80 SB2100 100 70 100 Dimensions in inches and (millimeters) DO-15 1.0(25.4) MIN. 1.0(25.4) MIN. 0.300(7.6) 0.230(5.8) 0.034(0.9) 0.028(0.7) DIA. 0.140(3.6) 0.104(2.6) DIA. |
유사한 부품 번호 - SB260 |
|
유사한 설명 - SB260 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |