전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT573 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 74AHCT573
상세설명  Octal D-type transparent latch; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT573 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button 74AHCT573 Datasheet HTML 5Page - NXP Semiconductors 74AHCT573 Datasheet HTML 6Page - NXP Semiconductors 74AHCT573 Datasheet HTML 7Page - NXP Semiconductors 74AHCT573 Datasheet HTML 8Page - NXP Semiconductors 74AHCT573 Datasheet HTML 9Page - NXP Semiconductors 74AHCT573 Datasheet HTML 10Page - NXP Semiconductors 74AHCT573 Datasheet HTML 11Page - NXP Semiconductors 74AHCT573 Datasheet HTML 12Page - NXP Semiconductors 74AHCT573 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
2003 Dec 08
9
Philips Semiconductors
Product specification
Octal D-type transparent latch; 3-state
74AHC573; 74AHCT573
Tamb = −40 to +125 °C
VIH
HIGH-level input voltage
2.0
1.5
−−
V
3.0
2.1
−−
V
5.5
3.85
−−
V
VIL
LOW-level input voltage
2.0
−−
0.5
V
3.0
−−
0.9
V
5.5
−−
1.65
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −50 µA
2.0
1.9
1.9
V
IO = −50 µA
3.0
2.9
2.9
V
IO = −50 µA
4.5
4.4
4.4
V
IO = −4.0 mA
3.0
2.48
2.48
V
IO = −8.0 mA
4.5
3.8
3.8
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA
2.0
−−−
V
IO =50 µA
3.0
−−
0.1
V
IO =50 µA
4.5
−−
0.1
V
IO = 4.0 mA
3.0
−−
0.1
V
IO = 8.0 mA
4.5
−−
0.44
V
ILI
input leakage current
VI =VCC or GND
5.5
−−
2.0
µA
IOZ
3-state output OFF
current
VI =VIH or VIL;
VO =VCC or GND
5.5
−−±10.0
µA
ICC
quiescent supply current VI =VCC or GND; IO = 0 5.5
−−
80
µA
CI
input capacitance
−−
10
pF
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


유사한 부품 번호 - 74AHCT573

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT573 PHILIPS-74AHCT573 Datasheet
91Kb / 20P
   Octal D-type transparent latch; 3-state
1999 Sep 27
74AHCT573 NXP-74AHCT573 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
logo
Nexperia B.V. All right...
74AHCT573 NEXPERIA-74AHCT573 Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
74AHCT573-Q100 NEXPERIA-74AHCT573-Q100 Datasheet
280Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 2 - 13 July 2020
74AHCT573BQ NEXPERIA-74AHCT573BQ Datasheet
281Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 8 - 13 July 2020
More results

유사한 설명 - 74AHCT573

제조업체부품명데이터시트상세설명
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com